Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541AD/03 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9541AD/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/03 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9541AD/03 Datasheet HTML 5Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 6Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 7Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 8Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 9Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 10Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 11Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 12Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
9 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
• If a master was connected to the downstream bus prior to the disconnect, then an
interrupt is sent on the respective interrupt output in an attempt to let that master
know that it is no longer connected to the downstream bus. This is indicated by setting
the BUSLOST bit in the Interrupt Status Register.
• If the combination of the BUSON and the NBUSON bits causes a master to be
connected to the downstream bus and if there is no change in the BUSON bits since
when the disconnect took effect, then the master requesting the bus is connected to
the downstream bus. If it requests a bus initialization sequence, then it is performed.
• If there is no change in the combination of the BUSON and the NBUSON bits and a
new master wants the bus, then the downstream bus is disconnected from the old
master that was using it and the new master gets control of it. Again, the bus
initialization if requested is done. The appropriate interrupt signals are generated.
After a master has sent the bus control request:
1. The previous master is disconnected from the I2C-bus. An interrupt to the previous
master is sent through its INT line to let it know that it lost control of the bus.
BUSLOST bit in the Interrupt Status Register is set. This interrupt can be masked by
setting the BUSLOSTMSK bit to logic 1.
2. A built-in bus initialization/recovery function can take temporary control of the
downstream channel to initialize the bus before making the actual switch to the new
bus master. This function is activated by setting the BUSINIT to logic 1 by the master
during the same write sequence as the one programming MYBUS and BUSON bits.
When activated and whether the bus was previously idle or not:
a. 9 clock pulses are sent on the SCL_SLAVE.
b. SDA_SLAVE line is released (HIGH) when the clock pulses are sent to
SCL_SLAVE. This is equivalent to sending 8 data bits and a not acknowledge.
c. Finally a STOP condition is sent to the downstream slave channel.
This sequence will complete any read transaction which was previously in process
and the downstream slave configured as a slave-transmitter should release the SDA
line because the PCA9541A did not acknowledge the last byte.
3. When the initialization has been requested and completed, the PCA9541A sends an
interrupt to the new master through its INT line and connects the new master to the
downstream channel. BUSINIT bit in the Interrupt Status Register is set. The switch
operation occurs after the master asking the bus control has sent a STOP
command. This interrupt can be masked by setting the BUSINITMSK bit to logic 1.
4. When the bus initialization/recovery function has not been requested (BUSINIT = 0),
the PCA9541A connects the new master to the slave downstream channel. The
switch operation occurs after the master asking the bus control has sent a
STOP command. PCA9541A sends an interrupt to the new master through its INT
line if the built-in bus sensor function detects a non-idle condition in the downstream
slave channel at the switching time. BUSOK bit in the Interrupt Status Register is set.
This means that a STOP condition has not been detected in the previous bus
communication and that an external bus recovery/initialization must be performed. If
an idle condition has been detected at the switching time, no interrupt will be sent.
This interrupt can be masked by setting the BUSOKMSK bit to logic 1.
Interrupt status can be read. See Section 8.4 “Interrupt Status registers” for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com