Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541AD/03 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA9541AD/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/03 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA9541AD/03 Datasheet HTML 22Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 23Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 24Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 25Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 26Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 27Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 28Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 29Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
26 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
10.3 Masters with shared resources
Some masters may not be multi-master capable or some masters may not work well
together and continually lock up the bus. The PCA9541A can be used to separate the
masters, as shown in Figure 20, but still allow shared access to slave devices, such as
Field Replaceable Unit (FRU) EEPROMs or temperature sensors.
10.4 Gatekeeper multiplexer
The PCA9541A/03 can act as a gatekeeper multiplexer in applications where there are
multiple I2C-bus devices with the same fixed address (for example, EEPROMs with
address of ‘Z’ as shown in Figure 21) connected in a multipoint arrangement to the same
I2C-bus. Up to 16 hot swappable cards/devices can be multiplexed to the same bus
master by using one PCA9541A/03 per card/device. Since each PCA9541A/03 has its
own unique address (for example, ‘A’, ‘B’, ‘C’, and so on), the EEPROMs can be
connected to the master, one at a time, by connecting one PCA9541A/03 (Master 0
position) while keeping the rest of the cards/devices isolated (off position).
The alternative, shown with dashed lines, is to use a PCA9548 1-to-8 channel switch on
the master card and run 8 I2C-bus devices, one to each EEPROM card, to multiplex the
master to each card. The number of card pins used is the same in either case, but there
are 7 less pairs of SDA/SCL traces on the printed-circuit board if the PCA9541A/03 is
used.
Fig 20. Masters with shared resources application
002aae664
PCA9541A
SLAVE A0
SLAVE A1
SLAVE A2
MASTER A
PCA9541A
SLAVE B0
SLAVE B1
SLAVE B2
MASTER B
ASSEMBLY A
ASSEMBLY B
SDA/SCL
SDA/SCL
MAIN
MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com