Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541AD/03 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9541AD/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/03 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9541AD/03 Datasheet HTML 7Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 8Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 9Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 10Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 11Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 12Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 13Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 14Page - NXP Semiconductors PCA9541AD/03 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
11 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
[1]
Default values are the same for PCA9541A/01, PCA9541A/03.
8.3.2 Register 1: Control Register (B1:B0 = 01b)
The Control Register described below is identical for both the masters. Nevertheless,
there are physically 2 internal Control Registers, one for each upstream channel. When
master 0 reads/writes in this register, the internal Control Register 0 will be accessed.
When master 1 reads/writes in this register, the internal Control Register 1 will be
accessed.
[1]
Default values are the same for PCA9541A/01, PCA9541A/03.
1
BUSINITMSK
R/W
0*
After connection is requested and Bus Initialization requested (BUSINIT = 1),
an interrupt on INT will be generated when the bus initialization is done.
Remark: Channel switching is done after bus initialization completed.
1
After connection is requested and Bus Initialization requested (BUSINIT = 1),
an interrupt on INT will not be generated when the bus initialization is done
(masked).
Remark: Channel switching is done after bus initialization completed.
0
INTINMSK
R/W
0*
Interrupt on INT_IN will generate an interrupt on INT.
1
Interrupt on INT_IN will not generate an interrupt on INT (masked)
Table 6.
Register 0 - Interrupt Enable (IE) register bit description …continued
Legend: * default value
Bit
Symbol
Access Value[1] Description
Table 7.
Register 1 - Control Register (B1:B0 = 01b) bit allocation
7
6
5
4
3
2
1
0
NTESTON
TESTON
0
BUSINIT
NBUSON
BUSON
NMYBUS
MYBUS
Table 8.
Register 1 - Control Register (B1:B0 = 01b) bit description
Legend: * default value
Bit
Symbol
Access Value[1]
Description
7
NTESTON
R/W
0*
A logic level HIGH to the INT line of the other channel is sent (interrupt
cleared).
1
A logic level LOW to the INT line of the other channel is sent (interrupt
generated).
6
TESTON
R/W
0*
A logic level HIGH to the INT line is sent (interrupt cleared).
1
A logic level LOW to the INT line is sent (interrupt generated).
5
-
R only
0*
not used
4
BUSINIT
R/W
0*
Bus initialization is not requested.
1
Bus initialization is requested.
3
NBUSON
R only
see
Table 11
NBUSON bit along with BUSON bit decides whether any upstream channel
is connected to the downstream channel or not. See Table 10, Table 11, and
Table 12.
2
BUSON
R/W
see
Table 11
BUSON bit along with the NBUSON bit decides whether any upstream
channel is connected to the downstream channel or not. See Table 10,
Table 11, and Table 12.
1
NMYBUS
R only
see
Table 11
NMYBUS bit along with MYBUS bit decides which upstream channel is
connected to the downstream channel. See Table 9, Table 11, and Table 12.
0
MYBUS
R/W
see
Table 11
MYBUS bit along with the NMYBUS bit decides which upstream channel is
connected to the downstream channel. See Table 9, Table 11, and Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com