Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD9002D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMD9002D
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9002D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMD9002D Datasheet HTML 6Page - NXP Semiconductors PMD9002D Datasheet HTML 7Page - NXP Semiconductors PMD9002D Datasheet HTML 8Page - NXP Semiconductors PMD9002D Datasheet HTML 9Page - NXP Semiconductors PMD9002D Datasheet HTML 10Page - NXP Semiconductors PMD9002D Datasheet HTML 11Page - NXP Semiconductors PMD9002D Datasheet HTML 12Page - NXP Semiconductors PMD9002D Datasheet HTML 13Page - NXP Semiconductors PMD9002D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PMD9002D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2006
10 of 15
NXP Semiconductors
PMD9002D
MOSFET driver
8.
Test information
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 13. TR2: Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 14. TR2: Collector-emitter saturation voltage as a
function of collector current; typical values
006aaa933
IC (mA)
10−1
103
102
110
10−1
1
VCEsat
(V)
10−2
(2)
(3)
(1)
006aaa934
IC (mA)
10−1
103
102
110
10−1
1
VCEsat
(V)
10−2
(2)
(3)
(1)
IC = 0.05 A; IB = 2.5 mA; RC = 180 Ω
Fig 15. Test circuit for switching times
006aaa936
450
Ω
VO
VCC
DUT
VI
R1
R2
TR1
D1
oscilloscope
450
Ω
(probe)
(probe)
oscilloscope
RC
TR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com