Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C752B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 3 Page - NXP Semiconductors

  SC68C752B Datasheet HTML 1Page - NXP Semiconductors SC68C752B Datasheet HTML 2Page - NXP Semiconductors SC68C752B Datasheet HTML 3Page - NXP Semiconductors SC68C752B Datasheet HTML 4Page - NXP Semiconductors SC68C752B Datasheet HTML 5Page - NXP Semiconductors SC68C752B Datasheet HTML 6Page - NXP Semiconductors SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
3 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
4.
Block diagram
Fig 1.
Block diagram of SC68C752B
TXA, TXB
RXA, RXB
SC68C752B
XTAL2
XTAL1
D0 to D7
R/W
RESET
002aab017
DATA BUS
AND
CONTROL
LOGIC
REGISTER
SELECT
LOGIC
A0 to A3
CS
INTERRUPT
CONTROL
LOGIC
IRQ
TXRDYA, TXRDYB
RXRDYA, RXRDYB
CLOCK AND
BAUD RATE
GENERATOR
MODEM
CONTROL
LOGIC
DTRS, DTRB
RTSA, RTSB
OPA, OPB
CTSA, CTSB
RIA, RIB
CDA, CDB
DSRA, DSRB
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTER
FLOW
CONTROL
LOGIC
FLOW
CONTROL
LOGIC
TRANSMIT
SHIFT
REGISTER
TRANSMIT
FIFO
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com