Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C752B Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 40Page - NXP Semiconductors SC68C752B Datasheet HTML 41Page - NXP Semiconductors SC68C752B Datasheet HTML 42Page - NXP Semiconductors SC68C752B Datasheet HTML 43Page - NXP Semiconductors SC68C752B Datasheet HTML 44Page - NXP Semiconductors SC68C752B Datasheet HTML 45Page - NXP Semiconductors SC68C752B Datasheet HTML 46Page - NXP Semiconductors SC68C752B Datasheet HTML 47Page - NXP Semiconductors SC68C752B Datasheet HTML 48Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
SC68C752B_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
46 of 48
NXP Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
15. Revision history
Table 31.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SC68C752B_4
20100120
Product data sheet
-
SC68C752B_3
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines of
NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Descriptive title of data sheet modified: changed from “Motorola” to “68 mode”
• Section 2 “Features”:
– 1st bullet item changed from “Motorola
μP interface” to “68 mode (Motorola) μP interface”
– 10th bullet item changed from “5 V tolerant inputs” to “5 V tolerant on input only pins”
– 10th bullet item added Footnote 1
• Table 2 “Pin description”: added Table note [1] and its reference at HVQFN32 pin 13.
• Section 7.11 “Divisor latches (DLL, DLM)”: changed from “DLH” to “DLM” (and throughout data
sheet)
• Table 25 “Limiting values”:
– removed specification for VI
– added specification for Vn
– removed table note [1] and its reference (statement is now covered in Section 16.3)
• Table 26 “Static characteristics”: parameter for ICC(sleep) changed from “sleep current” to “sleep
mode supply current”
• Table 27 “Dynamic characteristics”:
– added Table note [4] and its reference at t(RESET)
– split symbol/parameter “tw1, tw2, clock cycle period” to two symbol/parameters, “tWH, pulse
width HIGH” and “tWL, pulse width LOW”
– denominator in equation in Table note [3] changed from “tw3” to “tw(clk)”
• Figure 17 “External clock timing”:
– changed symbol from “tw1” to “tWH”
– changed symbol from “tw2” to “tWL”
– changed symbol from “tw3” to “tw(clk)” (in both drawing and equation denominator)
SC68C752B_3
20051129
Product data sheet
-
SC68C752B_2
SC68C752B_2
(9397 750 14963)
20050428
Product data sheet
-
SC68C752B_1
SC68C752B_1
(9397 750 13857)
20050329
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com