Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C752B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C752B Datasheet(HTML) 1 Page - NXP Semiconductors

  SC68C752B Datasheet HTML 1Page - NXP Semiconductors SC68C752B Datasheet HTML 2Page - NXP Semiconductors SC68C752B Datasheet HTML 3Page - NXP Semiconductors SC68C752B Datasheet HTML 4Page - NXP Semiconductors SC68C752B Datasheet HTML 5Page - NXP Semiconductors SC68C752B Datasheet HTML 6Page - NXP Semiconductors SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1.
General description
The SC68C752B is a dual Universal Asynchronous Receiver/Transmitter (UART) with
64-byte FIFOs, automatic hardware/software flow control, and data rates up to 5 Mbit/s.
The SC68C752B offers enhanced features. It has a Transmission Control Register (TCR)
that stores receiver FIFO threshold levels to start/stop transmission during hardware and
software flow control. With the FIFO Rdy register, the software gets the status of
TXRDYn/RXRDYn for all four ports in one access. On-chip status registers provide the
user with error indications, operational status, and modem interface control. System
interrupts may be tailored to meet user requirements. An internal loopback capability
allows on-board diagnostics.
The UART transmits data, sent to it over the peripheral 8-bit bus, on the TXn signal and
receives characters on the RXn signal. Characters can be programmed to be 5 bits, 6 bits,
7 bits, or 8 bits. The UART has a 64-byte receive FIFO and transmit FIFO and can be
programmed to interrupt at different trigger levels. The UART generates its own desired
baud rate based upon a programmable divisor and its input clock. It can transmit even,
odd, or no parity and 1, 1.5, or 2 stop bits. The receiver can detect break, idle, or framing
errors, FIFO overflow, and parity errors. The transmitter can detect FIFO underflow. The
UART also contains a software interface for modem control operations, and has software
flow control and hardware flow control capabilities.
The SC68C752B is available in LQFP48 and HVQFN32 packages.
2.
Features
Dual channel with 68 mode (Motorola)
μP interface
Up to 5 Mbit/s data rate
64-byte transmit FIFO
64-byte receive FIFO with error flags
Programmable and selectable transmit and receive FIFO trigger levels for DMA and
interrupt generation
Software/hardware flow control
Programmable Xon/Xoff characters
Programmable auto-RTS and auto-CTS
Optional data flow resume by Xon any character
DMA signalling capability for both received and transmitted data
Supports 5 V, 3.3 V and 2.5 V operation
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte
FIFOs and 68 mode
μP interface
Rev. 04 — 20 January 2010
Product data sheet


Similar Part No. - SC68C752B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC68C752B PHILIPS-SC68C752B Datasheet
236Kb / 49P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
Rev. 03-29 November 2005
SC68C752BIB48 PHILIPS-SC68C752BIB48 Datasheet
236Kb / 49P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
Rev. 03-29 November 2005
SC68C752BIBS PHILIPS-SC68C752BIBS Datasheet
236Kb / 49P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
Rev. 03-29 November 2005
More results

Similar Description - SC68C752B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC68C752B PHILIPS-SC68C752B Datasheet
236Kb / 49P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
Rev. 03-29 November 2005
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC16C752B NXP-SC16C752B_10 Datasheet
1,019Kb / 47P
5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 6-30 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com