Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC05 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 63Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
Technical Data
MC68HC05J1A — Rev. 3.0
Parallel Input/Output (I/O)
Parallel Input/Output (I/O)
7.4.3 Pulldown Register A
All port A pins have mask-optional, programmable pulldown devices that
typically sink 100
µA. Clearing the PDIA7–PDIA0 bits in pulldown
register A (PDRA) turns on the pulldown devices. See Figure 7-3.
Pulldown register A can turn on a port A pulldown device only when the
port A pin is an input. Reset clears the PDIA7–PDIA0 bits, turning on all
the port A pulldown devices.
PDIA7–PDIA0 — Port A Pulldown Inhibit Bits
Writing logic 0s to these write-only bits turns on the port A pulldown
devices. Reading pulldown register A returns undefined data.
1 = Corresponding port A pin pulldown device turned off
0 = Corresponding port A pin pulldown device turned on
NOTE:
Avoid a floating port A input by clearing its pulldown register bit before
changing its DDRA bit from logic 1 to logic 0.
Do not use read-modify-write instructions on pulldown register A.
Address:
$0010
Bit 7
6
54321
Bit 0
Read:
Write:
PDIA7
PDIA6
PDIA5
PDIA4
PDIA3
PDIA2
PDIA1
PDIA0
Reset:
00
000000
= Unimplemented
Figure 7-3. Pulldown Register A (PDRA)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com