Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC05 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 87Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 88Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 89Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 90Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 91Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 92Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
Instruction Set
Instruction Set Summary
MC68HC05J1A — Rev. 3.0
Technical Data
Instruction Set
BIH rel
Branch if IRQ Pin High
PC
← (PC) + 2 + rel ? IRQ = 1 —— —— —
REL
2F
rr
3
BIL rel
Branch if IRQ Pin Low
PC
← (PC) + 2 + rel ? IRQ = 0 —— —— —
REL
2E
rr
3
BIT #opr
BIT opr
BIT opr
BIT opr,X
BIT opr,X
BIT ,X
Bit Test Accumulator with Memory Byte
(A)
∧ (M)
——
 —
IMM
DIR
EXT
IX2
IX1
IX
A5
B5
C5
D5
E5
F5
ii
dd
hh ll
ee ff
ff
2
3
4
5
4
3
BLO rel
Branch if Lower (Same as BCS)
PC
← (PC) + 2 + rel ? C = 1
—— —— —
REL
25
rr
3
BLS rel
Branch if Lower or Same
PC
← (PC) + 2 + rel ? C ∨ Z = 1 —— —— —
REL
23
rr
3
BMC rel
Branch if Interrupt Mask Clear
PC
← (PC) + 2 + rel ? I = 0
—— —— —
REL
2C
rr
3
BMI rel
Branch if Minus
PC
← (PC) + 2 + rel ? N = 1
—— —— —
REL
2B
rr
3
BMS rel
Branch if Interrupt Mask Set
PC
← (PC) + 2 + rel ? I = 1
—— —— —
REL
2D
rr
3
BNE rel
Branch if Not Equal
PC
← (PC) + 2 + rel ? Z = 0
—— —— —
REL
26
rr
3
BPL rel
Branch if Plus
PC
← (PC) + 2 + rel ? N = 0
—— —— —
REL
2A
rr
3
BRA rel
Branch Always
PC
← (PC) + 2 + rel ? 1 = 1
—— —— —
REL
20
rr
3
BRCLR n opr rel Branch if Bit n Clear
PC
← (PC) + 2 + rel ? Mn = 0
—— ——

DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN rel
Branch Never
PC
← (PC) + 2 + rel ? 1 = 0
—— —— —
REL
21
rr
3
BRSET n opr rel Branch if Bit n Set
PC
← (PC) + 2 + rel ? Mn = 1
—— ——

DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BSET n opr
Set Bit n
Mn
← 1
—— —— —
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
BSR rel
Branch to Subroutine
PC
← (PC) + 2; push (PCL)
SP
← (SP) – 1; push (PCH)
SP
← (SP) – 1
PC
← (PC) + rel
—— —— —
REL
AD
rr
6
CLC
Clear Carry Bit
C
← 0
—— —— 0INH
98
2
CLI
Clear Interrupt Mask
I
← 0
— 0 —— —
INH
9A
2
Table 9-6. Instruction Set Summary (Sheet 2 of 6)
Source
Form
Operation
Description
Effect
on CCR
HIN Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com