Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC05 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 69Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 128 page
background image
Multifunction Timer
Timer Status and Control Register
MC68HC05J1A — Rev. 3.0
Technical Data
Multifunction Timer
8.3 Timer Status and Control Register
The read/write timer status and control register (TSCR) contains these
bits:
•
Timer interrupt enable bits
•
Timer interrupt flags
•
Timer interrupt flag reset bits
•
Timer interrupt rate select bits
TOF — Timer Overflow Flag
This read-only flag becomes set when the first eight stages of the
counter roll over from $FF to $00. TOF generates a timer overflow
interrupt request if TOIE is also set. Clear TOF by writing a logic 1 to
the TOFR bit. Writing to TOF has no effect. Reset clears TOF.
RTIF — Real-Time Interrupt Flag
This read-only flag becomes set when the selected real-time interrupt
(RTI) output becomes active. RTIF generates a real-time interrupt
request if RTIE is also set. Clear RTIF by writing a logic 1 to the RTIFR
bit. Writing to RTIF has no effect. Reset clears RTIF.
TOIE — Timer Overflow Interrupt Enable Bit
This read/write bit enables timer overflow interrupts.
1 = Timer overflow interrupts enabled
0 = Timer overflow interrupts disabled
Address:
$0008
Bit 7
6
54321
Bit 0
Read:
TOF
RTIF
TOIE
RTIE
00
RT1
RT0
Write:
TOFR
RTIFR
Reset:
00
000011
= Unimplemented
Figure 8-2. Timer Status and Control Register (TSCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com