Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F03 Datasheet(PDF) 108 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 108 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 104Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 105Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 106Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 107Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 110Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 112Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
108
April 16, 2010
· INTC0 Register
Bit
76543210
Name
¾
MF0F
CPF
INTF
MF0E
CPE
INTE
EMI
R/W
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾
0000000
Bit 7
unimplemented, read as
²0²
Bit 6
MF0F: Multi-function Interrupt 0 Request Flag
0: no request
1: interrupt request
Bit 5
CPF: Comparator interrupt request flag
0: no request
1: interrupt request
Bit 4
INTF: INT pin interrupt request flag
0: no request
1: interrupt request
Bit 3
MF0E: Multi-function Interrupt 0 Control
0: disable
1: enable
Bit 2
CPE: Comparator interrupt control
0: disable
1: enable
Bit 1
INTE: INT interrupt control
0: disable
1: enable
Bit 0
EMI: Global interrupt control
0: disable
1: enable
· INTC1 Register
¨ HT66F03
Bit
76543210
Name
TB0F
ADF
MF2F
¾
TB0E
ADE
MF2E
¾
R/W
R/W
R/W
R/W
¾
R/W
R/W
R/W
¾
POR
0
0
0
¾
000
¾
Bit 7
TB0F: Time Base 0 Interrupt Request Flag
0: no request
1: interrupt request
Bit 6
ADF: A/D Converter Interrupt Request Flag
0: no request
1: interrupt request
Bit 5
MF2F: Multi-function Interrupt 2 Request Flag
0: no request
1: interrupt request
Bit 4
reserved and can not be used, read as
²0²
Bit 3
TB0E: Time Base 0 Interrupt Control
0: disable
1: enable
Bit 2
ADE: A/D converter interrupt control
0: disable
1: enable
Bit 1
MF2E: Multi-function Interrupt 2 Control
0: disable
1: enable
Bit 0
reserved and can not be used, read as
²0²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com