Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F03 Datasheet(PDF) 111 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 111 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 107Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 110Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 112Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 113Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 114Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 115Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
111
April 16, 2010
· MFI1 Register
¨ HT66F04
Bit
76543210
Name
¾
T2BF
T2AF
T2PF
¾
T2BE
T2AE
T2PE
R/W
¾
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
¾
000
¾
000
Bit 7
unimplemented, read as
²0²
Bit 6
T2BF: TM2 Comparator B match interrupt request flag
0: no request
1: interrupt request
Bit 5
T2AF: TM2 Comparator A match interrupt request flag
0: no request
1: interrupt request
Bit 4
T2PF: TM2 Comparator B match interrupt request flag
0: no request
1: interrupt request
Bit 3
unimplemented, read as
²0²
Bit 2
T2BE: TM2 Comparator P match interrupt control
0: disable
1: enable
Bit 1
T2AE: TM2 Comparator A match interrupt control
0: disable
1: enable
Bit 0
T2PE: TM2 Comparator P match interrupt control
0: disable
1: enable
· MFI2 Register
Bit
76543210
Name
¾¾
DEF
LVF
¾
DEE
LVE
R/W
¾¾
R/W
R/W
¾¾
R/W
R/W
POR
¾¾
00
¾¾
00
Bit 7~6
unimplemented, read as
²0²
Bit 5
DEF: Data EEPROM interrupt request flag
0: No request
1: Interrupt request
Bit 4
LVF: LVD interrupt request flag
0: No request
1: Interrupt request
Bit 3~2
unimplemented, read as
²0²
Bit 1
DEE: Data EEPROM Interrupt Control
0: Disable
1: Enable
Bit 0
LVE: LVD Interrupt Control
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com