Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/P Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F54-E/P
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F54-E/P Datasheet HTML 18Page - Microchip Technology PIC16F54-E/P Datasheet HTML 19Page - Microchip Technology PIC16F54-E/P Datasheet HTML 20Page - Microchip Technology PIC16F54-E/P Datasheet HTML 21Page - Microchip Technology PIC16F54-E/P Datasheet HTML 22Page - Microchip Technology PIC16F54-E/P Datasheet HTML 23Page - Microchip Technology PIC16F54-E/P Datasheet HTML 24Page - Microchip Technology PIC16F54-E/P Datasheet HTML 25Page - Microchip Technology PIC16F54-E/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
PIC16F5X
DS41213D-page 20
© 2007 Microchip Technology Inc.
3.6
Stack
The PIC16F54 device has a 9-bit wide, two-level hard-
ware PUSH/POP stack. The PIC16F57 and PIC16F59
devices have an 11-bit wide, two-level hardware
PUSH/POP stack.
A CALL instruction will PUSH the current value of stack 1
into stack 2 and then PUSH the current program counter
value, incremented by one, into stack level 1. If more than
two sequential CALL’s are executed, only the most recent
two return addresses are stored.
A RETLW instruction will POP the contents of stack level
1 into the program counter and then copy stack level 2
contents into level 1. If more than two sequential
RETLW
’s are executed, the stack will be filled with the
address previously stored in level 2.
For the RETLW instruction, the PC is loaded with the
Top-of-Stack (TOS) contents. All of the devices cov-
ered in this data sheet have a two-level stack. The
stack has the same bit width as the device PC, there-
fore, paging is not an issue when returning from a sub-
routine.
3.7
Indirect Data Addressing; INDF
and FSR Registers
The INDF register is not a physical register. Addressing
INDF actually addresses the register whose address is
contained in the FSR Register (FSR is a pointer). This
is indirect addressing.
EXAMPLE 3-1:
INDIRECT ADDRESSING
• Register file 08 contains the value 10h
• Register file 09 contains the value 0Ah
• Load the value 08 into the FSR register
• A read of the INDF register will return the value
of 10h
• Increment the value of the FSR register by one
(FSR = 09h)
• A read of the INDF register now will return the
value of 0Ah.
Reading INDF itself indirectly (FSR = 0) will produce
00h. Writing to the INDF register indirectly results in a
no-operation (although Status bits may be affected).
A simple program to clear RAM locations 10h-1Fh
using indirect addressing is shown in Example 3-2.
EXAMPLE 3-2:
HOW TO CLEAR RAM
USING INDIRECT
ADDRESSING
The FSR is either a 5-bit (PIC16F54), 7-bit (PIC16F57)
or 8-bit (PIC16F59) wide register. It is used in conjunc-
tion with the INDF register to indirectly address the data
memory area.
The FSR<4:0> bits are used to select data memory
addresses 00h to 1Fh.
Note:
The W register will be loaded with the
literal value specified in the instruction.
This
is
particularly
useful
for
the
implementation of data look-up tables
within the program memory.
PIC16F54: This does not use banking. FSR<7:5> bits
are unimplemented and read as ‘1’s.
PIC16F57: FSR<7> bit is unimplemented and read as
‘1’. FSR<6:5> are the bank select bits and are used to
select the bank to be addressed (00 = Bank 0,
01
= Bank 1, 10 = Bank 2, 11 = Bank 3).
PIC16F59: FSR<7:5> are the bank select bits and are
used to select the bank to be addressed
(000 = Bank 0, 001 = Bank 1, 010 = Bank 2,
011
= Bank 3, 100 = Bank 4, 101 = Bank 5,
110
= Bank 6, 111 = Bank 7).
Note:
A CLRF FSR instruction may not result in
an FSR value of 00h if there are
unimplemented bits present in the FSR.
MOVLW
H'10'
;initialize pointer
MOVWF
FSR
;to RAM
NEXT
CLRF
INDF
;clear INDF Register
INCF
FSR,F
;inc pointer
BTFSC
FSR,4
;all done?
GOTO
NEXT
;NO, clear next
CONTINUE
:
;YES, continue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com