Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/P Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F54-E/P
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F54-E/P Datasheet HTML 13Page - Microchip Technology PIC16F54-E/P Datasheet HTML 14Page - Microchip Technology PIC16F54-E/P Datasheet HTML 15Page - Microchip Technology PIC16F54-E/P Datasheet HTML 16Page - Microchip Technology PIC16F54-E/P Datasheet HTML 17Page - Microchip Technology PIC16F54-E/P Datasheet HTML 18Page - Microchip Technology PIC16F54-E/P Datasheet HTML 19Page - Microchip Technology PIC16F54-E/P Datasheet HTML 20Page - Microchip Technology PIC16F54-E/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 15
PIC16F5X
FIGURE 3-5:
PIC16F59 REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
PORTA
PORTB
0Ah
0Fh
Bank 0
Bank 1
Bank 2
Bank 3
3Fh
30h
20h
2Fh
5Fh
50h
40h
4Fh
7Fh
70h
60h
6Fh
General
Purpose
Registers
PORTC
08h
Note 1:
Not a physical register.
FSR<7:5>
000
001
010
011
General
Purpose
Registers
PORTD
PORTE
09h
Bank 4
Bank 5
Bank 6
Bank 7
A0h
AFh
C0h
CFh
E0h
EFh
General
Purpose
Registers
100
101
110
111
10h
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
80h
8Fh
9Fh
90h
BFh
B0h
DFh
D0h
General
Purpose
Registers
FFh
F0h
Addresses map back to addresses in Bank 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com