Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/P Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F54-E/P
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/P Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F54-E/P Datasheet HTML 35Page - Microchip Technology PIC16F54-E/P Datasheet HTML 36Page - Microchip Technology PIC16F54-E/P Datasheet HTML 37Page - Microchip Technology PIC16F54-E/P Datasheet HTML 38Page - Microchip Technology PIC16F54-E/P Datasheet HTML 39Page - Microchip Technology PIC16F54-E/P Datasheet HTML 40Page - Microchip Technology PIC16F54-E/P Datasheet HTML 41Page - Microchip Technology PIC16F54-E/P Datasheet HTML 42Page - Microchip Technology PIC16F54-E/P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 37
PIC16F5X
8.0
SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other proces-
sors are special circuits that deal with the needs of real-
time applications. The PIC16F5X family of microcon-
trollers have a host of such features intended to
maximize system reliability, minimize cost through
elimination of external components, provide power-
saving operating modes and offer code protection.
These features are:
• Oscillator Selection
• Reset
• Power-on Reset
• Device Reset Timer
• Watchdog Timer (WDT)
• Sleep
• Code protection
• User ID locations
• In-Circuit Serial Programming™ (ICSP™)
The PIC16F5X family has a Watchdog Timer which can
be shut off only through Configuration bit WDTE. It runs
off of its own RC oscillator for added reliability. There is
an 18 ms delay provided by the Device Reset Timer
(DRT), intended to keep the chip in Reset until the
crystal oscillator is stable. With this timer on-chip, most
applications need no external Reset circuitry.
The Sleep mode is designed to offer a very low-current
Power-down mode. The user can wake-up from Sleep
through external Reset or through a Watchdog Timer
time-out. Several oscillator options are also made
available to allow the part to fit the application. The RC
oscillator option saves system cost, while the LP crystal
option saves power. A set of Configuration bits are
used to select various options.
8.1
Configuration Bits
Configuration bits can be programmed to select various
device configurations. Two bits are for the selection of
the oscillator type; one bit is the Watchdog Timer
enable bit; one bit is for code protection for the
PIC16F5X devices (Register 8-1).
REGISTER 8-1:
CONFIGURATION WORD FOR PIC16F5X
—
—
—
—
—
—
—
—CP
WDTE
FOSC1
FOSC0
bit 11
bit 0
bit 11-4:
Unimplemented: Read as ‘1’
bit 3:
CP: Code Protection bit.
1
= Code protection off
0
= Code protection on
bit 2:
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator Selection bits
00
= LP oscillator
01
= XT oscillator
10
= HS oscillator
11
= RC oscillator
Note 1: Refer to the PIC16F54, PIC16F57 and PIC16F59 Programming Specifications to determine how
to access the Configuration Word. These documents can be found on the Microchip web site at
www.microchip.com.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com