Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/P Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16F54-E/P
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/P Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16F54-E/P Datasheet HTML 73Page - Microchip Technology PIC16F54-E/P Datasheet HTML 74Page - Microchip Technology PIC16F54-E/P Datasheet HTML 75Page - Microchip Technology PIC16F54-E/P Datasheet HTML 76Page - Microchip Technology PIC16F54-E/P Datasheet HTML 77Page - Microchip Technology PIC16F54-E/P Datasheet HTML 78Page - Microchip Technology PIC16F54-E/P Datasheet HTML 79Page - Microchip Technology PIC16F54-E/P Datasheet HTML 80Page - Microchip Technology PIC16F54-E/P Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 75
PIC16F5X
28-Lead Plastic Dual In-Line (P) – 600 mil Body [PDIP]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. § Significant Characteristic.
3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" per side.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
INCHES
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
28
Pitch
e
.100 BSC
Top to Seating Plane
A
–
–
.250
Molded Package Thickness
A2
.125
–
.195
Base to Seating Plane
A1
.015
–
–
Shoulder to Shoulder Width
E
.590
–
.625
Molded Package Width
E1
.485
–
.580
Overall Length
D
1.380
–
1.565
Tip to Seating Plane
L
.115
–
.200
Lead Thickness
c
.008
–
.015
Upper Lead Width
b1
.030
–
.070
Lower Lead Width
b
.014
–
.022
Overall Row Spacing §
eB
–
–
.700
E1
N
NOTE 1
12 3
D
A
A1
b
b1
e
L
A2
eB
c
E
Microchip Technology Drawing C04-079B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com