Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F54-E/P Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC16F54-E/P
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F54-E/P Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC16F54-E/P Datasheet HTML 41Page - Microchip Technology PIC16F54-E/P Datasheet HTML 42Page - Microchip Technology PIC16F54-E/P Datasheet HTML 43Page - Microchip Technology PIC16F54-E/P Datasheet HTML 44Page - Microchip Technology PIC16F54-E/P Datasheet HTML 45Page - Microchip Technology PIC16F54-E/P Datasheet HTML 46Page - Microchip Technology PIC16F54-E/P Datasheet HTML 47Page - Microchip Technology PIC16F54-E/P Datasheet HTML 48Page - Microchip Technology PIC16F54-E/P Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 43
PIC16F5X
ADDWF
Add W and f
Syntax:
[ label ] ADDWF
f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W) + (f)
→ (dest)
Status Affected:
C, DC, Z
Encoding:
0001
11df
ffff
Description:
Add the contents of the W register
and register ‘f’. If ‘d’ is ‘0’, the
result is stored in the W register. If
‘d’ is ‘1’, the result is stored back in
register 'f'.
Words:
1
Cycles:
1
Example:
ADDWF
TEMP_REG, 0
Before Instruction
W
=
0x17
TEMP_REG =
0xC2
After Instruction
W=
0xD9
TEMP_REG =
0xC2
ANDLW
AND literal with W
Syntax:
[ label ] ANDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W).AND. (k)
→ (W)
Status Affected:
Z
Encoding:
1110
kkkk
kkkk
Description:
The contents of the W register are
AND’ed with the eight-bit literal ‘k’.
The result is placed in the W
register.
Words:
1
Cycles:
1
Example:
ANDLW
H'5F'
Before Instruction
W=
0xA3
After Instruction
W=
0x03
ANDWF
AND W with f
Syntax:
[ label ] ANDWF
f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W) .AND. (f)
→ (dest)
Status Affected:
Z
Encoding:
0001
01df
ffff
Description:
The contents of the W register are
AND’ed with register ‘f’. If ‘d’ is ‘0’,
the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
Words:
1
Cycles:
1
Example:
ANDWF
TEMP_REG, 1
Before Instruction
W=
0x17
TEMP_REG =
0xC2
After Instruction
W
=
0x17
TEMP_REG =
0x02
BCF
Bit Clear f
Syntax:
[ label ] BCF
f, b
Operands:
0
≤ f ≤ 31
0
≤ b ≤ 7
Operation:
0
→ (f<b>)
Status Affected:
None
Encoding:
0100
bbbf
ffff
Description:
Bit ‘b’ in register ‘f’ is cleared.
Words:
1
Cycles:
1
Example:
BCF
FLAG_REG,
7
Before Instruction
FLAG_REG =
0xC7
After Instruction
FLAG_REG =
0x47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com