Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3870MBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR3870MBF
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3870MBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3870MBF Datasheet HTML 2Page - International Rectifier IR3870MBF Datasheet HTML 3Page - International Rectifier IR3870MBF Datasheet HTML 4Page - International Rectifier IR3870MBF Datasheet HTML 5Page - International Rectifier IR3870MBF Datasheet HTML 6Page - International Rectifier IR3870MBF Datasheet HTML 7Page - International Rectifier IR3870MBF Datasheet HTML 8Page - International Rectifier IR3870MBF Datasheet HTML 9Page - International Rectifier IR3870MBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
IR3870MBF
Electrical Specifications (continued)
Unless otherwise specified, these specification apply over VIN = 12V, PVCC = 7VDC, 0oC
≤ TJ ≤ 125oC.
PARAMETER
NOTE
TEST CONDITION
MIN
TYP
MAX
UNIT
GATE DRIVE
Dead time
1
Monitor body diode conduction on
PHASE pin
5
30
ns
UPPER MOSFET
Static Drain-to-Source On-
Resistance
PVCC =5V, ID =10A, TJ =25
oC
14.7
mΩ
Static Drain-to-Source On-
Resistance
PVCC =5V, ID =10A, TJ =125
oC
26
mΩ
Static Drain-to-Source On-
Resistance
PVCC =7V, ID =10A, TJ =25
oC
11.9
mΩ
Static Drain-to-Source On-
Resistance
PVCC =7V, ID =10A, TJ =125
oC
22
mΩ
Diode Forward Voltage
VGS =0V, IS =10A, TJ =25
oC
1.0
V
LOWER MOSFET
Static Drain-to-Source On-
Resistance
PVCC =5V, ID =10A, TJ =25
oC
6.2
mΩ
Static Drain-to-Source On-
Resistance
PVCC =5V, ID =10A, TJ =125
oC
11
mΩ
Static Drain-to-Source On-
Resistance
PVCC =7V, ID =10A, TJ =25
oC
5.1
mΩ
Static Drain-to-Source On-
Resistance
PVCC =7V, ID =10A, TJ =125
oC
9
mΩ
Diode Forward Voltage
VGS =0V, IS =10A, TJ =25
oC
1.0
V
CHARGE PUMP OUTPUT
Source Resistance
ICPO =15mA
3.3
5
Sink Resistance
ICPO =15mA
1
2.1
Charge Pump Disable
Threshold, VCP TH
6.7
7.2
V
LOGIC INPUT AND OUTPUT
EN Rising Threshold
1.13
1.21
1.29
V
EN Hysteresis
40
100
160
mV
EN Input Current
1
μA
PGOOD pull down resistance
IPGOOD =2mA
50
100
Notoe1: Guaranteed by design, not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com