Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3870MBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3870MBF
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3870MBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3870MBF Datasheet HTML 3Page - International Rectifier IR3870MBF Datasheet HTML 4Page - International Rectifier IR3870MBF Datasheet HTML 5Page - International Rectifier IR3870MBF Datasheet HTML 6Page - International Rectifier IR3870MBF Datasheet HTML 7Page - International Rectifier IR3870MBF Datasheet HTML 8Page - International Rectifier IR3870MBF Datasheet HTML 9Page - International Rectifier IR3870MBF Datasheet HTML 10Page - International Rectifier IR3870MBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
IR3870MBF
TYPICAL OPERATING DATA (25oC)
(Circuit of Figure 15, VCC = 3.3V, V5 = 5V, V
IN = 12.6V, F = 500kHz Unless otherwise noted)
Switching Frequency
1000000
000000
Rff 0.5 fsw
,
()
Rff 1 fsw
,
()
Rff 1.5 fsw
,
()
Rff 2 fsw
,
()
Rff 2.5 fsw
,
()
Rff 3 fsw
,
()
Rff 3.5 fsw
,
()
Rff 4 fsw
,
()
Rff 4.5 fsw
,
()
Rff 5 fsw
,
()
1000000
200000
fsw
Switching Frequency (KHz)
200
1000
0
1000
VOUT = 0.5V
VOUT = 5V
Switching Frequency
1000000
000000
Rff 0.5 fsw
,
()
Rff 1 fsw
,
()
Rff 1.5 fsw
,
()
Rff 2 fsw
,
()
Rff 2.5 fsw
,
()
Rff 3 fsw
,
()
Rff 3.5 fsw
,
()
Rff 4 fsw
,
()
Rff 4.5 fsw
,
()
Rff 5 fsw
,
()
1000000
200000
fsw
Switching Frequency (KHz)
200
1000
0
1000
VOUT = 0.5V
VOUT = 5V
Figure 2. Switching Frequency Vs Output Current
Figure 1. Feedforward Resistance Vs Switching
Frequency: 0.5V V
OUT step
Figure 3. On-Time Variation in DCM:
V
IN = 12V, VOUT =1.1V, RFF = 180kOhm
0
50
100
150
200
250
300
350
400
450
500
02
4
6
8
10
12
Output Current (A)
Figure 4. On-Time Variation in CCM:
V
IN = 12V, VOUT =1.1V, RFF = 180kOhm
322
324
326
328
330
332
334
336
0
25
50
75
100
125
Temperature (C)
311
311.5
312
312.5
313
313.5
314
314.5
315
0
25
50
75
100
125
Temperature (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com