Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3870MBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3870MBF
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3870MBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3870MBF Datasheet HTML 9Page - International Rectifier IR3870MBF Datasheet HTML 10Page - International Rectifier IR3870MBF Datasheet HTML 11Page - International Rectifier IR3870MBF Datasheet HTML 12Page - International Rectifier IR3870MBF Datasheet HTML 13Page - International Rectifier IR3870MBF Datasheet HTML 14Page - International Rectifier IR3870MBF Datasheet HTML 15Page - International Rectifier IR3870MBF Datasheet HTML 16Page - International Rectifier IR3870MBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
IR3870MBF
One can use equation 4 to find the required
inductance. The main advantage of small
inductance is increased inductor current slew
rate during a load transient, which leads to a
smaller output capacitance requirement as
discussed in the Output Capacitor Selection
section. The draw back of using smaller
inductances is increased switching power loss in
upper MOSFET, which reduces the system
efficiency and increases the thermal dissipation
as discussed in the Power Loss section.
Input Capacitor Selection
The main function of the input capacitor bank is
to provide the input ripple current and fast slew
rate current during the load current step up. The
input capacitor bank must have adequate ripple
current carrying capability to handle the total
RMS current. Figure 16 shows a typical input
current. Equation 5 shows the RMS input current.
The RMS input current contains the DC load
current and the inductor ripple current. As shown
in equation 4, the inductor ripple current is
unrelated to the load current. The maximum
RMS input current occurs at the maximum output
current. The maximum power dissipation in the
input capacitor equals the square of the
maximum RMS input current times the input
capacitor’s total ESR.
Figure 16. Typical Input Current Waveform.
Circuit Description
voltage is within regulation before four
consecutive soft-start cycles, PGOOD transitions
HIGH to reset the counter.
OVER VOLTAGE PROTECTION
The IR3870 monitors the voltage at the FB node.
If the FB voltage is above the over voltage
threshold, the gates are turned off and the
PGOOD signal is pulled low. Toggling VCC will
allow the next start up.
CHARGE PUMP
The purpose of the charge pump is to improve
the system efficiency. A combination of VCC, V5
and three external components are used to boost
PVCC up to VCPTH. PVCC drives the
synchronous MOSFET and reduces the RDSON
when compared to a regular 5V rail driver. The
lower FET RDSON reduces the conduction
power loss as discussed in the Power Loss
section. The charge pump is continuously
enabled for FCCM = HIGH. The charge pump
circuit is disabled when FCCM = LOW and the
output loading is less than half of inductor current
ripple. In this case, PVCC is two diode voltages
away from the V5 rail. Therefore, the power loss
for driver is reduced. The charge pump circuit
stops switching the CPO pin for PVCC above
VCPTH.
COMPONENT SELECTION
Selection of components for the converter is an
iterative process which involves meeting the
specifications and trade-offs between performance
and cost. The following sections will guide one
through the process.
Inductor Selection
Inductor selection involves meeting the steady
state output ripple requirement, minimizing the
switching loss of upper MOSFETs, meeting
transient response specifications and minimizing
the output capacitance. The output voltage
includes a DC voltage and a small AC ripple
component due to the low pass filter which has
incomplete attenuation of the switching harmonics.
Neglecting the inductance in series with the output
capacitor, the magnitude of the AC voltage ripple is
determined by the total inductor ripple current flow
through the total equivalent series resistance
(ESR) of the output capacitor bank.
()
()
(4)
F
L
V
V
V
V
Ts
D
1
L
V
ΔI
s
IN
OUT
IN
OUT
OUT
⋅
⋅
=
⋅
−
⋅
=
⋅
−
()
(5)
I
ΔI
3
1
1
D
I
dt
t
f
Ts
1
I
2
OUT
OUT
Ts
0
2
IN_RMS
⎟
⎠
⎞
⎜
⎝
⎛
⋅
+
⋅
⋅
=
⋅
⋅
=
∫
The voltage rating of the input capacitor needs to be
greater than the maximum input voltage because of
high frequency ringing at the phase node. The typical
percentage is 25%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com