Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3870MBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR3870MBF
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3870MBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3870MBF Datasheet HTML 12Page - International Rectifier IR3870MBF Datasheet HTML 13Page - International Rectifier IR3870MBF Datasheet HTML 14Page - International Rectifier IR3870MBF Datasheet HTML 15Page - International Rectifier IR3870MBF Datasheet HTML 16Page - International Rectifier IR3870MBF Datasheet HTML 17Page - International Rectifier IR3870MBF Datasheet HTML 18Page - International Rectifier IR3870MBF Datasheet HTML 19Page - International Rectifier IR3870MBF Datasheet HTML 20Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
IR3870MBF
This capacitor has 9mΩ ESR which leaves
margin for the voltage drop of the ESL during
load step up. The typical ESL for this capacitor is
around 2nH. Refer to Output Capacitor Selection
section for all ceramic capacitor solution.
LAYOUT RECOMMENDATION
Bypass Capacitor:
One 1uF high quality ceramic capacitor should
be placed as near VCC pin as possible. The
other end of capacitor can be connected to a
via or connected directly to GND plane. Use a
GND plane instead of thin trace to the GND pin
because this thin traces have too much higher
impedance. A 1uF is recommended for both
V5 and PVCC and repeat the layout procedure
above for those signals.
Charge Pump:
We recommend that D1, D2 and CCPO be
placed as close to the CPO and PVCC pins as
possible. If those components can not be
placed on the same layer as IR3870, a
minimum of two vias are needed for the
connection of CCPO and CPO pin and the
connection of D2 and PVCC.
Boot Circuit:
CBOOT should be placed near the BOOT and
PHASE pins to reduce the impedance when the
upper MOSFET turns on. DBOOT does not need
to be close to CBOOT because the average
current to charge CBOOT is small during the on
time of lower MOSFET.
Power Stage:
Figure 19 shows the flowing current path for
the on and off periods. The on time path has
low average DC current with high AC current.
Therefore, it is recommended to place the input
ceramic capacitor, upper, and lower MOSFET
in a tight loop as shown in Figure 19.
The purpose of the tight loop from the input
ceramic capacitor is to suppress the high
frequency (10MHz range) switching noise and
reduce Electromagnetic Interference (EMI). If
this path has high inductance, the circuit will
cause voltage spikes and ringing, and increase
the switching loss. The off time path has low
AC and high average DC current. Therefore, it
should be laid out with a tight loop and wide
trace at both ends of the inductor. Lowering the
loop resistance reduces the power loss. The
typical resistance value of 1-ounce copper
thickness is 0.5mΩ per square inch.
Figure 19. Current Path of Power Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com