Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3870MBF Datasheet(PDF) 14 Page - International Rectifier

Part # IR3870MBF
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3870MBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IR3870MBF Datasheet HTML 10Page - International Rectifier IR3870MBF Datasheet HTML 11Page - International Rectifier IR3870MBF Datasheet HTML 12Page - International Rectifier IR3870MBF Datasheet HTML 13Page - International Rectifier IR3870MBF Datasheet HTML 14Page - International Rectifier IR3870MBF Datasheet HTML 15Page - International Rectifier IR3870MBF Datasheet HTML 16Page - International Rectifier IR3870MBF Datasheet HTML 17Page - International Rectifier IR3870MBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
IR3870MBF
Output Capacitor Selection
Selection of the output capacitor requires
meeting voltage overshoot requirements during
load removal, and meeting steady state output
ripple voltage requirements. The output
capacitor is the most expensive converter
component and increases the overall system
cost. The output capacitor decoupling in the
converter typically includes the low frequency
capacitor, such as Specialty Polymer Aluminum,
and mid frequency ceramic capacitors.
The first purpose of output capacitors is to
provide current when the load demand exceeds
the inductor current, as shown in Figure 17.
Equation 6 shows the charge requirement for a
certain load. The advantage provided by the
IR3870 at a load step is to reduce the delay
compared to a fixed frequency control method (in
microseconds or (1-D)*Ts). If the load increases
right after the PWM signal goes low, the longest
delay will be equal to the minimum lower gate on
as shown in the Electrical Specification table.
The IR3870 also reduces the inductor current
slew time, the time it takes for the inductor
current to reach equality with the output current,
by increasing the switching frequency up to
2.5MHz. The result reduces the recovery time.
VESR is usually much greater than VESL. The
IR3870 requires a total ESR such that the ripple
voltage at the FB pin is greater than 7mV.
The second purpose of the output capacitor is to
minimize the overshoot of the output voltage
when the load decreases as shown in Figure 18.
By using the law of energy before and after the
load removal, equation 7 shows the output
capacitance requirement for a load step.
Figure 17. Charge Requirement during Load Step
()
(6b)
V
V
ΔIstep
L
2
1
V
1
C
(6a)
t
Istep
0.5
V
C
Q
OUT
IN
2
DROP
OUT
=
Δ
=
=
The output voltage drops, VDROP, initially
depending on the characteristic of the output
capacitor. VDROP is the sum of the equivalent
series inductance (ESL) of the output capacitor
times the rate of change of the output current and
the ESR times the change of the output current.
(7)
V
V
I
L
C
2
OUT
2
OS
2
STEP
OUT
=
Figure 18. Typical Output Voltage Response
Waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com