Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS616IDW Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS616IDW
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDW Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS616IDW Datasheet HTML 8Page - STMicroelectronics TS616IDW Datasheet HTML 9Page - STMicroelectronics TS616IDW Datasheet HTML 10Page - STMicroelectronics TS616IDW Datasheet HTML 11Page - STMicroelectronics TS616IDW Datasheet HTML 12Page - STMicroelectronics TS616IDW Datasheet HTML 13Page - STMicroelectronics TS616IDW Datasheet HTML 14Page - STMicroelectronics TS616IDW Datasheet HTML 15Page - STMicroelectronics TS616IDW Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Electrical characteristics
TS616
12/37
Figure 20.
Input voltage noise level
Figure 21.
ICC vs. power supply
100
1k
10k
100k
1M
2.0
2.5
3.0
3.5
4.0
4.5
5.0
+
_
Output
910
Ω
10
Ω
+ 6V
- 6V
+
_
Output
910
10
Ω
+ 6V
6V
Ω
-
+
_
Output
910
Ω
10
Ω
+ 6V
- 6V
+
_
Output
910
10
Ω
+ 6V
6V
Ω
-
(Frequency (Hz)
AV = +92, Rfb = 910 Ω
Input+ connected to GND via 25
Ω
01
2345678
9
10
11
12
-30
-20
-10
0
10
20
30
Icc(-)
Icc(+)
V
CC
(V)
Open loop, no load
Figure 22.
Iib vs. power supply
Figure 23.
VOH & VOL vs. power supply
5
6
7
8
9
10
11
12
0
1
2
3
4
5
6
7
I
B
-
V
cc
(V)
I
B
+
Iib+
5
6
7
8
9
10
11
12
0
1
2
3
4
5
6
7
I
B
-
V
cc
(V)
I
B
+
Iib+
Iib-
Open loop, no load
5678
9
10
11
12
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
V
OH
V
OL
V
cc
(V)
Open loop, RL = 25 Ω
Figure 24.
Isource vs. output amplitude
Figure 25.
Isource vs. output amplitude
0123
45
6
0
100
200
300
400
500
600
700
Vout (V)
VCC = ±6 V, open loop, no load
0.0
0.5
1.0
1.5
2.0
2.5
0
100
200
300
400
500
600
700
Vout (V)
VCC = ±2.5 V, open loop, no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com