Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS616IDW Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS616IDW
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDW Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS616IDW Datasheet HTML 11Page - STMicroelectronics TS616IDW Datasheet HTML 12Page - STMicroelectronics TS616IDW Datasheet HTML 13Page - STMicroelectronics TS616IDW Datasheet HTML 14Page - STMicroelectronics TS616IDW Datasheet HTML 15Page - STMicroelectronics TS616IDW Datasheet HTML 16Page - STMicroelectronics TS616IDW Datasheet HTML 17Page - STMicroelectronics TS616IDW Datasheet HTML 18Page - STMicroelectronics TS616IDW Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
TS616
Electrical characteristics
15/37
Figure 38.
Differential Vio vs. temperature
Figure 39.
Vio vs. temperature
-40
-20
0
20
40
60
80
200
250
300
350
400
450
Vcc=±2.5V
Vcc=±6V
Temperature (
°C)
Open loop, no load
-40
-20
0
2040
6080
-0.5
0.0
0.5
1.0
1.5
2.0
Vcc=±2.5V
Vcc=±6V
Temperature (
°C)
Open loop, no load
Figure 40.
Iout vs. temperature
Figure 41.
Iout vs. temperature
-40
-20
0
20
40
60
80
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
Isource
Isink
Temperature (
°C)
Open loop, VCC = ±6 V, RL=10 Ω
-40
-20
0
20
40
60
80
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
Isource
Isink
Temperature (
°C)
Open loop, VCC = ±2.5 V, RL=25 Ω
Figure 42.
CMR vs. temperature
Figure 43.
SVR vs. temperature
-40
-20
0
2040
6080
50
52
54
56
58
60
62
64
66
68
70
Vcc=±6V
Vcc=±2.5V
Temperature (
°C)
Open loop, no load
-40
-20
0
2040
6080
76
78
80
82
84
Vcc=±6V
Vcc=±2.5V
Temperature (
°C)
Open loop, no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com