Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS616IDW Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS616IDW
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDW Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS616IDW Datasheet HTML 20Page - STMicroelectronics TS616IDW Datasheet HTML 21Page - STMicroelectronics TS616IDW Datasheet HTML 22Page - STMicroelectronics TS616IDW Datasheet HTML 23Page - STMicroelectronics TS616IDW Datasheet HTML 24Page - STMicroelectronics TS616IDW Datasheet HTML 25Page - STMicroelectronics TS616IDW Datasheet HTML 26Page - STMicroelectronics TS616IDW Datasheet HTML 27Page - STMicroelectronics TS616IDW Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Noise measurements
TS616
24/37
The output noise eNo is calculated using the Superposition Theorem. However eNo is not
the sum of all noise sources, but rather the square root of the sum of the square of each
noise source, as shown in Equation 1.
Equation 1
Equation 2
The input noise of the instrumentation must be extracted from the measured noise value.
The real output noise value of the driver is:
Equation 3
The input noise is called the Equivalent Input Noise as it is not directly measured but is
evaluated from the measurement of the output divided by the closed loop gain (eNo/g).
After simplification of the fourth and the fifth term of Equation 2 we obtain:
Equation 4
7.1
Measurement of eN
If we assume a short-circuit on the non-inverting input (R3=0), Equation 4 becomes:
Equation 5
In order to easily extract the value of eN, the resistance R2 will be chosen as low as
possible. On the other hand, the gain must be large enough:
●
R1=10
Ω, R2=910 Ω, R3=0, Gain=92
●
Equivalent input noise: 2.57 nV/
√Hz
●
Input voltage noise: eN=2.5 nV/
√Hz
NoV1
2
V2
2
V3
2
V4
2
V5
2
V6
2
+++
++
=
No
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
=
…
R2
R1
--------
⎝⎠
⎛⎞
2
4kTR1
4kTR2
1
R2
R1
--------
+
⎝⎠
⎛⎞
2
4kTR3
×
++
×
+
eNo
Measured
()
2
instrumentation
()
2
–
=
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×… g4kTR2
1
R2
R1
--------
+
⎝⎠
⎛⎞
2
4kT
×
+
×
+
=
NoeN
2
g
2
iNn
2
R2
2
g4kTR2
×
+
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com