Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS616IDW Datasheet(PDF) 36 Page - STMicroelectronics

Part # TS616IDW
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDW Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TS616IDW Datasheet HTML 29Page - STMicroelectronics TS616IDW Datasheet HTML 30Page - STMicroelectronics TS616IDW Datasheet HTML 31Page - STMicroelectronics TS616IDW Datasheet HTML 32Page - STMicroelectronics TS616IDW Datasheet HTML 33Page - STMicroelectronics TS616IDW Datasheet HTML 34Page - STMicroelectronics TS616IDW Datasheet HTML 35Page - STMicroelectronics TS616IDW Datasheet HTML 36Page - STMicroelectronics TS616IDW Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Ordering information
TS616
36/37
12
Ordering information
13
Revision history
Table 8.
Order codes
Part number
Temperature range
Package
Packaging
Marking
TS616IDW
-40°C to +85°C
SO-8
Tube
TS616
TS616IDWT
Tape & reel
TS616
Date
Revision
Changes
1-Nov-2002
1
First release.
03-Dec-2004
2
Moved note in Table 3 to Section 9: Choosing the feedback circuit on
page 28.
Figure 43 in Revision 1, entitled Group Delay, has been removed
because the results presented were not technically meaningful.
Simplified mathematical representations of the intermodulation
product in Section 5: Intermodulation distortion product on page 17.
In Section 6: Printed circuit board layout considerations on page 20,
change from “The copper area can be connected to (-Vcc) available
on pin 4.” to “The copper area must be connected to -Vcc available
on pin 4.”.
In Section 9.1: The bias of an inverting amplifier on page 29, change
of section title, and correction of referred figure to Figure 66.
24-Oct-2006
3
Format update.
Corrected package mechanical data for SO-8 exposed pad.
16-Apr-2007
4
Corrected package error in Table 8: Order codes.
26-Sep-2008
5
Corrected package error in Table 8: Order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com