Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS616IDW Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS616IDW
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDW Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS616IDW Datasheet HTML 22Page - STMicroelectronics TS616IDW Datasheet HTML 23Page - STMicroelectronics TS616IDW Datasheet HTML 24Page - STMicroelectronics TS616IDW Datasheet HTML 25Page - STMicroelectronics TS616IDW Datasheet HTML 26Page - STMicroelectronics TS616IDW Datasheet HTML 27Page - STMicroelectronics TS616IDW Datasheet HTML 28Page - STMicroelectronics TS616IDW Datasheet HTML 29Page - STMicroelectronics TS616IDW Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Power supply bypassing
TS616
26/37
8
Power supply bypassing
Correct power supply bypassing is very important for optimizing performance in high-
frequency ranges. Bypass capacitors should be placed as close as possible to the IC pins to
improve high-frequency bypassing. A capacitor greater than 1 µF is necessary to minimize
the distortion. For better quality bypassing, a capacitor of 10 nF is added using the same
implementation conditions. Bypass capacitors must be incorporated for both the negative
and the positive supply.
Figure 63.
Circuit for power supply bypassing
8.1
Single power supply
The TS616 can operate with power supplies ranging from 12 V to 5 V. The power supply can
either be single (12 V or 5 V referenced to ground), or dual (such as ±6 V and ±2.5 V).
In the event that a single supply system is used, new biasing is necessary to assume a
positive output dynamic range between 0 V and +VCC supply rails. Considering the values
of VOH and VOL, the amplifier will provide an output dynamic from +0.5 V to 10.6 V on 25 Ω
load for a 12 V supply and from 0.45 V to 3.8 V on 10
Ω load for a 5 V supply.
The amplifier must be biased with a mid-supply (nominally +VCC/2), in order to maintain the
DC component of the signal at this value. Several options are possible to provide this bias
supply, such as a virtual ground using an operational amplifier or a two-resistance divider
(which is the cheapest solution). A high resistance value is required to limit the current
consumption. On the other hand, the current must be high enough to bias the non-inverting
input of the amplifier. If we consider this bias current (30 µA max.) as the 1% of the current
through the resistance divider to keep a stable mid-supply, two resistances of 2.2 k
Ω can be
used in the case of a 12 V power supply and two resistances of 820
Ω can be used in the
case of a 5 V power supply.
The input provides a high-pass filter with a break frequency below 10 Hz which is necessary
to remove the original 0 volt DC component of the input signal, and to fix it at +VCC/2.
Figure 64 shows a schematic of a 5 V single power supply configuration.
+
-VCC
+VCC
10
μF
+
10nF
TS616
10
μF
+
10nF
-
+
-VCC
+VCC
10
μF
+
10nF
TS616
10
μF
+
10nF
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com