Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4521 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G=1V/V
G=2V/V
G=5V/V
G=10V/V
V
=3.3V
R =1k
V =100mV
S+
L
O
PP
W
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
V
=3.3V
R =1k
V =2.0V
S+
L
O
PP
W
G=1V/V
G=2V/V
G=5V/V
G=10V/V
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
20
40
60
80
100
Time(ns)
2-VStep
0.5-VStep
V
=3.3V
G=1V/V
R =1k
R =200
S+
F
L
W
W
600
500
400
300
200
100
0
0
1
2
3
4
5
DifferentialV
(V)
OUT
V
=3.3V
G=1V/V
R =1k
S+
F
W
R =200
L
W
Rising
Falling
4
3
2
1
0
1
2
3
4
-
-
-
-
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
-
-
-
-
0
100
200
300
400
500 600
800
900
1k
Time(ns)
V
=3.3V
G=2V/V
R =1k
S+
F
W
R =200
L
W
V
Diff
Input
OUT
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0
5k
10k
15k
20k
25k
30k
35k
Frequency(Hz)
Generator
THS4521
V
=3.3V
G=1V/V
R =1k
V
=5V
S+
F
OUT
PP
W
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS: VS+ – VS– = 3.3 V
At VS+ = +3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, and input and output referenced to midsupply, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
LARGE- AND SMALL-SIGNAL PULSE RESPONSE
SLEW RATE vs VOUT
Figure 3.
Figure 4.
10-kHz OUTPUT SPECTRUM ON
OVERDRIVE RECOVERY
AP ANALYZER
Figure 5.
Figure 6.
12
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com