Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4521 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 31 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
0
Frequency (Hz)
-
95
97
99
101
103
-
-
-
-
-
-
-
-
-
-
105
107
109
111
113
115
100
1 k
10 k 20 k
THS4521 and PCM4204 THD+N
vs FREQUENCY (No Weighting)
0
Frequency (Hz)
0
10
20
30
40
50
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
60
70
80
90
100
110
120
130
140
150
100
1 k
10 k 20 k
THS4521 and PCM4204
1-kHz FFT
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
Audio ADC Driver Performance:
+15 V, +5 VA and +5 VD, to a +5-V external power
THS4521 and PCM4204 Combined
supply (EXT +3.3 was not used) and connecting –15
Performance
V and all ground inputs to ground on the external
power supply. Note only one external +5-V supply
To
show
achievable
performance
with
a
was needed to power all devices on the EVM.
high-performance audio ADC, the THS4521 is tested
as
the
drive
amplifier
for
the
PCM4204.
The
A SYS-2722 Audio Analyzer from Audio Precision
PCM4204 is a high-performance, four-channel ADC
(AP) provides an analog audio input to the EVM; the
designed
for
professional
and
broadcast
audio
PCM-formatted digital output is read by the digital
applications. The PCM4204 architecture uses a 1-bit
input on the AP.
delta-sigma
(
ΔΣ)
modulator
per
channel
that
Data were taken using a 256-fS system clock to
incorporates
an
advanced
dither
scheme
for
achieve fS = 48-kHz measurements, and audio output
improved dynamic performance, and supports PCM
uses PCM format. Other data rates and formats are
output data. The PCM4204 provides a flexible serial
expected to show similar performance in line with that
port interface and many other advanced features.
shown in the product data sheet.
Refer to the PCM4204 product data sheet for more
information.
Figure 76 shows the THD+N vs Frequency response
with no weighting; Figure 77 shows an FFT of the
The PCM4204EVM can test the audio performance of
output with 1-kHz input tone. Input signals to the
the THS4521 as a drive amplifier. The standard
PCM4204 for these tests is 0.5 dBFS. Dynamic range
PCM4204EVM
is
provided
with
four
OPA1632
is also tested at –60 dBFS, fIN = 1 kHz, and
fully-differential amplifiers, which use the same device
A-weighted. Table 4 summarizes testing results using
pinout as the THS4521. For testing, one of these
the THS4521 together with the PCM4204 versus
amplifiers is replaced with a THS4521 device in same
typical data sheet performance measurements, and
package (MSOP), and the power supply changes to a
show that it make an excellent drive amplifier for this
single-supply +5V. Figure 78 shows the modifications
ADC.
made to the circuit. Note the resistor connecting the
VOCM
input
of
the
THS4521
to
the
input
The test circuit shown in Figure 78 has a gain = 0.27
common-mode drive from the PCM4204 is shown
and attenuates the input signal. For applications that
removed and is optional; no performance change was
require higher gain, the circuit was modified to gains
noted with it connected or removed. The THS4521 is
of G = 1, G = 2, and G = 5 by replacing the feedback
operated with a +5-V single-supply so the output
resistors (R33 and R34) and re-tested to show
common-mode defaults to +2.5 V as required at the
performance.
input of the PCM4204. The EVM power connections
were modified by connecting positive supply inputs,
Figure 76. THS4521 and PCM4204: THD+N versus
Figure 77. THS4521 and PCM4204 1-kHz FFT
Frequency with No Weighting
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com