Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4521 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0
5 k
10 k
15 k
20 k
25 k
30 k
35 k
Frequency (Hz)
Generator
THS4521
V
= 5.0 V
G = 1 V/V
R = 1 k
V
= 1 V
S+
F
OUT
RMS
W
10-kHz OUTPUT SPECTRUM
THS4521 on AP Analyzer
-
50
60
70
80
90
100
110
120
-
-
-
-
-
-
-
0
5
10
15
20
Frequency (kHz)
TOTAL HARMONIC DISTORTION + NOISE
THS4521 Measured on AP Analyzer
THS4521
Signal Generator
-
95
97
99
101
103
-
-
-
-
-
-
-
-
-
-
105
107
109
111
113
115
10
100
1 k
10 k
100 k
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY (No Weighting)
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
Note that the harmonic distortion performance is very
close to the same with and without the device
meaning the THS4521 performance is actually much
better
than
can
be
directly
measured
by
this
meathod. The actual device performance can be
estimated by placing the device in a large noise gain
and using the reduction in loop gain correction. The
THS4521 is placed in a noise gain of 101 by adding a
10-
Ω resistor directly across the input terminals of the
circuit shown in Figure 68. This test was performed
using the AP instrument as both the signal source
and
the
analyzer.
The
second-order
harmonic
distortion at 1 kHz is estimated to be –122 dBc with
VO = 1VRMS; third-order harmonic distortion is
estimated to be –141 dBc. The third-order harmonic
distortion
result
matches
exactly
with
design
simulations, but the second-order harmonic distortion
is about 10 dB worse. This result is not unexpected
Figure 70. THS4521 1-VRMS 10-kHz FFT Plot
because
second-order
harmonic
distortion
performance with a differential signal depends heavily
on cancellation as a result of the differential nature of
The
THS4521
shows
even
better
THD+N
the signal, which depends on board layout, bypass
performance when driving higher amplitude output,
capacitors, external cabling, and so forth. Note that
such as 5 VPP that is more typical when driving an
the circuit of Figure 68 is also used to measure
ADC. To show performance with an extended
crosstalk between channels.
frequency range, higher gain, and higher amplitude,
the device was tested with 5 VPP up to 80 kHz with
the AP. Figure 71 shows the resulting THD+N graph
with no weighting.
Figure 69. THS4521 1-VRMS 20-Hz
to 20-kHz THD+N
Figure 71. THD+N (No Weighting) on AP, 80-kHz
Bandwidth at G = 1 with 5-VPP Output
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com