Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4521 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
I
=
EXT
2V
(V
V )
50k
-
-
W
OCM
S+
S-
V
S+
V
OCM
V
S-
100kW
100kW
I
EXT
Tointernal
V
circuit
OCM
THS452x
R
G
R
F
R
O
R
O
R
G
R
F
R
IT
R
IT
V
S-
V
OCM
V
IN+
PD
Optional;
installedto
balance
impedanceseen
at V
IN+
V
OCM Control
PD Control
V
OUT-
V
OUT+
V
S+
0.22 F
m
0.22 F
m
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
Figure 62 represents the VOCM input. The internal
Single-Supply Operation
VOCM circuit has typically 23 MHz of –3 dB bandwidth,
To facilitate testing with common lab equipment, the
which is required for best performance, but it is
THS4521EVM allows for split-supply operation; most
intended to be a dc bias input pin. A 0.22-mF bypass
of the characterization data presented in this data
capacitor is recommended on this pin to reduce
sheet is measured using split-supply power inputs.
noise. The external current required to overdrive the
The device can easily be used with a single-supply
internal resistor divider is given approximately by the
power input without degrading performance.
formula in Equation 2:
Figure 63 shows a dc-coupled single-supply circuit
with single-ended inputs. This circuit can also be
applied to differential input sources.
where:
•
VOCM is the voltage applied to the VOCM pin
(2)
Figure 62. VOCM Input Circuit
Typical Performance Variation with Supply
Figure 63. THS4521 DC-Coupled Single-Supply
Voltage
with Single-Ended Inputs
The THS4521, THS4522, and THS4524 family of
devices provide excellent performance across the
The input common-mode voltage range of the
specified power-supply range of 2.5 V to 5.5 V with
THS4521,
THS4522,
and
THS4524
family
is
only minor variations. The input and output voltage
designed to include the negative supply voltage. in
compliance ranges track with the power supply in
the circuit shown in Figure 63, the signal source is
nearly a 1:1 correlation. Other changes can be
referenced to ground. VOCM is set by an external
observed in slew rate, output current drive, open-loop
control source or, if left unconnected, the internal
gain, bandwidth, and distortion. Table 3 shows the
circuit defaults to midsupply. Together with the input
typical
variation
to
be
expected
in
these
key
impedance of the amplifier circuit, RIT provides input
performance parameters.
termination, which is also referenced to ground.
Note that RIT and optional matching components are
added
to
the
alternate
input
to
balance
the
impedance at signal input.
Table 3. Typical Performance Variation versus Power-Supply Voltage
PARAMETER
VS = 5 V
VS = 3.3 V
VS = 2.5 V
–3-dB Small-signal bandwidth
145 MHz
135 MHz
125 MHz
Slew rate (2-V step)
490 V/ms
420 V/ms
210 V/ms
Harmonic distortion at 1 MHz, 2 VPP, RL = 1 kΩ
xxxSecond harmonic
–85 dBc
–85 dBc
–84 dBc
xxxThird harmonic
–91 dBc
–90 dBc
–88 dBc
Open-loop gain
119 dB
116 dB
115 dB
Linear output current drive
55 mA
35 mA
24 mA
26
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com