| Electronic Components Datasheet Search |
|
THS4521 Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4521 Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 48 page ![]() THS452x V OUT- V OUT+ R F R F R G R G Single-Ended Input Differential Output V S+ V S- THS452x V OUT- V IN- V OUT+ V IN+ R F R F R G R G Differential Input Differential Output V S+ V S- V OUT+ ´ R R +R G G F V IN- ´ R R +R F G F + THS4521 THS4522 THS4524 www.ti.com SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010 APPLICATION INFORMATION The following circuits show application information for the THS4521, THS4522, and THS4524 family. For simplicity, power-supply decoupling capacitors are not shown in these diagrams; see the EVM and Layout Recommendations section for suggested guidelines. For more details on the use and operation of fully differential op amps, refer to the Application Report Fully-Differential Amplifiers (SLOA054), available for download from the TI web site at www.ti.com. Differential Input to Differential Output Amplifier The THS4521, THS4522, and THS4524 family are fully-differential operational amplifiers that can be Figure 61. Single-Ended Input to Differential used to amplify differential input signals to differential Output Amplifier output signals. Figure 60 shows a basic block diagram of the circuit (VOCM and PD inputs not shown). The gain of the circuit is set by RF divided by Input Common-Mode Voltage Range RG. The input common-mode voltage of a fully-differential op amp is the voltage at the + and – input pins of the device. It is important to not violate the input common-mode voltage range (VICR) of the op amp. Assuming the op amp is in linear operation, the voltage across the input pins is only a few millivolts at most. Therefore, finding the voltage at one input pin determines the input common-mode voltage of the op amp. Treating the negative input as a summing node, the voltage is given by Equation 1: (1) Figure 60. Differential Input to Differential Output To determine the VICR of the op amp, the voltage at Amplifier the negative input is evaluated at the extremes of VOUT+. As the gain of the op amp increases, the input Single-Ended Input to Differential Output common-mode voltage becomes closer and closer to Amplifier the input common-mode voltage of the source. The THS4521, THS4522, and THS4524 family can also amplify and convert single-ended input signals to Setting the Output Common-Mode Voltage differential output signals. Figure 61 illustrates a basic The output common-model voltage is set by the block diagram of the circuit (VOCM and PD inputs not voltage at the VOCM pin. The internal common-mode shown). The gain of the circuit is again set by RF control circuit maintains the output common-mode divided by RG. voltage within 5-mV offset (typ) from the set voltage. If left unconnected, the common-mode set point is set to midsupply by internal circuitry, which may be overdriven from an external source. Copyright © 2008–2010, Texas Instruments Incorporated Submit Documentation Feedback 25 Product Folder Link(s): THS4521 THS4522 THS4524 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |