| Electronic Components Datasheet Search |
|
P5DF081 Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5DF081 Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 36 page ![]() P5DF081_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Objective short data sheet PUBLIC Rev. 1 — 12 August 2010 191710 21 of 36 NXP Semiconductors P5DF081 MIFARE SAM AV2 8.6.8 RC522 configuration commands 8.6.9 ISO14443 commands Table 13. RC522 configuration commands Command Description RC_ReadRegister Read the content of one or more register(s) of the connected reader chip. The command allows reading 255 registers with one command. If a register address is listed more than once in the data field, the content of this register will be re-read every time. RC_WriteRegister Write the content of one or more register(s) of the connected reader chip. The command allows writing 127 registers with one command. If a register address with its related content is listed more than once in the data field, the content of this register will be re-written every time. RC_RFControl This command allows the radio frequency field to be turned off and on. The basic behavior is the reset functionality where the controller turns off the field for the time given in the data field. If a zero value is passed, the field is totally turned off. After turning off the field, to turn it on again, the command can be issued with any value other than zero. Take into account that the passed time value also in this case will force the MIFARE SAM AV2 to wait this additional time until turning on the field again. RC_Init Establishes the serial connection between MIFARE SAM AV2 and RC222 and initializes the reader chip with the register values stored in the selected register value set. RC_LoadRegister ValueSet Stores a customer defined register value set for the RC222 in the non-volatile memory of the MIFARE SAM AV2. This set can then be used for initializing the reader chip with the RC_Init command. The address of and the related value for the register have to be placed consecutively in the command data field of the APDU. Table 14. ISO14443 commands Command Description ISO14443-3_Request_Wakeup Issue a request or wake-up command. ISO14443-3_Anticollision_Select Perform bit-wise anticollision and select. The anticollision and the following select are performed according to the select code in the data field. ISO14443-3_ActivateIdle Carries out one or several request - anticollision - select sequences and returns the SAK and the UID of the selected card(s). The ATQA is returned for every request issued, this means for every newly activated card. Due to the fact that the resulting ATQA is the OR-function of all ATQAs, the value may change frequently. ISO14443-3_ActivateWakeup The command reactivates and selects a card that has previously been set to Halt state. The command takes the UID of the card to reactivate. ISO14443-3_HaltA The command puts a selected card into Halt state. ISO14443-3_TransparentExchange Exchange bytes/bits transparently. The MIFARE SAM AV2 will take the user data and send it without changing, inserting or appending any content to the contactless card. Appending of a CRC, time-out settings, etc. have to be configured by directly writing the RC222 registers. Take into account that switching settings of the reader chip influence all subsequent MIFARE SAM AV2 commands proposing the correct reader chip settings, i.e. ISO14443- 4_Exchange. ISO14443-4_RATS_PPS Execute a combined RATS and PPS sequence to prepare a card for T=CL data exchange. The CID assigned to the card will be assigned to the current logical channel. This means, every further ISO14443-4 command issued in this logical channel will be executed using this CID automatically. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |