| Electronic Components Datasheet Search |
|
P5DF081 Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5DF081 Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 36 page ![]() P5DF081_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Objective short data sheet PUBLIC Rev. 1 — 12 August 2010 191710 12 of 36 NXP Semiconductors P5DF081 MIFARE SAM AV2 or AES192 key. During this activation authentication, the maximal message size under command chaining (MaxChainBlocks) is set. Once switched to MIFARE SAM AV2 mode there is no mean to switch back. When the MIFARE SAM AV2 mode is activated, the Key Storage Table (except the SAM Master Key) gets reset. 8.5.2 MIFARE SAM AV1 compatibility mode SAM-Host protection In AV1 compatibility mode, SAM access and SAM-Host communication is protected by the increased security mode exactly like for the MIFARE SAM AV1. The protection mechanism is explained in the following subsection. 8.5.2.1 Increased security - CMAC calculation The MIFARE SAM AV2 offers the possibility to send each command on a higher security level by applying a CMAC. If activated, the MIFARE SAM AV2 requires a logical channel with an active host authentication to be defined for CMAC calculation to accept any command. The CMAC is calculated and padded according to the NIST Special Publication 800-38B, which gives a recommendation for block cipher modes of operation. The following commands of the MIFARE SAM AV2 do not apply the explained CMAC mechanism: • SAM_AuthenticateHost • SAM_GetChallenge, SAM_InternalAuthenticate and SAM_ExternalAuthenticate Commands already protected by encryption apply the explained CMAC mechanism only for the direction which is not protected: • SAM_ChangeKeyEntry for the command APDU • SAM_ChangeKUCEntry for the command APDU • SAM_DumpSessionKey for the response APDU • SAM_ChangeKeyMIFARE for the response APDU 8.5.3 MIFARE SAM AV2 mode SAM-Host protection Two kinds of host authentication can be distinguished. The first is used for locking and unlocking the SAM. The second kind is used to get the access rights to execute certain commands. It only affects the SAM status for the LC it is executed over and can be used to set up a SAC over this LC if preferred by the host. Once authenticated, three different protection modes on the LC are foreseen: plain, MAC Protection and Full Protection (i.e. by MACs and encryption). This host authentication is executed by using the SAM_AuthenticateHost command. Note that whether and when host authentications (be it for unlocking or for gaining access rights) are required depends on the SAM configuration and is explained in Ref. 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |