Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5DF081 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P5DF081
Description  MIFARE SAM AV2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081 Datasheet(HTML) 5 Page - NXP Semiconductors

  P5DF081 Datasheet HTML 1Page - NXP Semiconductors P5DF081 Datasheet HTML 2Page - NXP Semiconductors P5DF081 Datasheet HTML 3Page - NXP Semiconductors P5DF081 Datasheet HTML 4Page - NXP Semiconductors P5DF081 Datasheet HTML 5Page - NXP Semiconductors P5DF081 Datasheet HTML 6Page - NXP Semiconductors P5DF081 Datasheet HTML 7Page - NXP Semiconductors P5DF081 Datasheet HTML 8Page - NXP Semiconductors P5DF081 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 12 August 2010
191710
5 of 36
NXP Semiconductors
P5DF081
MIFARE SAM AV2
The maximum specified bit rate in any case is 1.5 Mbit/s.
8.1.3 Card operation procedures
All card operation procedures (activation, cold reset, warm reset and deactivation) are
fully compliant with Ref. 19, Chapter 5.
8.2 Transmission procedure and communication
8.2.1 Protocol activation sequence
All subsequently described operations are compliant with ISO/IEC 7816-3.
8.2.1.1
Answer To Reset (ATR)
The MIFARE SAM AV2 offers two modes of operation identified by different ATRs.
A negotiable mode where the bit rate has to be adjusted via a PPS request and a specific
mode where the MIFARE SAM AV2 switches automatically to F = 128 and D = 32 (highest
possible speed) after sending the ATR. Starting with the negotiable mode, the mode of
operation is switched after every warm reset.
After a cold reset, the card sends the following ATR to the terminal.
After this ATR, the card is in the negotiable mode and waits for a PPS request. If a warm
reset is issued, the MIFARE SAM AV2 switches the mode of operation, enters the specific
mode and sends the following ATR.
Table 4.
ATR after cold reset
Character
Value
Meaning
TS
3Bh
initial character; setting up direct convention
T0
DFh
TA(1), TC(1), TD(1) are present; number of
historical characters is 15
TA(1)
18h
F = 372; D = 12
TC(1)
FFh
no extra guard time needed; N = 255
TD(1)
81h
TD(2) is present; protocol T = 1
TD(2)
F1h
TA(3), TB(3), TC(3) and TD(3) are present; protocol
T=1
TA(3)
FEh
Information field size of the card = 254
TB(3)
43h
BWT indicator = 4; CWT indicator = 3
TC(3)
00h
error detection code = LRC
TD(3)
3Fh
TA and TB for T = 15 is present; protocol T = 15
(qualifies global interface bytes)
TA(after T = 15)
03h
clock stop not supported; Class A, Class B
TB(after T = 15)
83h
Proprietary use of C6 (IO3, reception of serial data
from RC222)
Historical bytes
4Dh, 49h, 46h, 41h, 52h,
45h, 20h, 50h, 6Ch, 75h,
73h, 20h, 53h, 41h, 4Dh
ASCII value of “MIFARE Plus SAM”
TCK
3B
check character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com