| Electronic Components Datasheet Search |
|
P5DF081 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5DF081 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 36 page ![]() P5DF081_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Objective short data sheet PUBLIC Rev. 1 — 12 August 2010 191710 8 of 36 NXP Semiconductors P5DF081 MIFARE SAM AV2 8.4 Cryptography and key handling 8.4.1 Cryptography AV1 compatibility mode supports symmetric key cryptographic algorithms while MIFARE SAM AV2 mode supports both symmetric and asymmetric cryptography. 8.4.1.1 Symmetric key cryptography MIFARE SAM AV2 offers support in several commands for various symmetric key cryptographic algorithms. DES and TDEA DES keys (56 bit) and 2TDEA keys (112 bit) are stored in 16 byte strings. 3TDEA keys (168 bits) are stored in 24 byte strings. DES keys (56 bit) are stored in the same format as the 2TDEA keys: the DES key is stored twice to form a 2 key TDEA key where the 2 keys are identical. AES AES keys are stored in strings of 16 bytes or 24 bytes depending on whether it is an AES 128-bit key or an AES 192-bit key. AES always operates on 16 bytes. Therefore data streams are always padded to a length of multiples of 16 bytes. For details of the AES standard please refer to publicly available standard (Ref. 31). AES MACing MIFARE SAM AV2 supports standard CMAC [ref. 15] for AES. Padding is done according to the standard. By default, the CMAC is truncated to 8 bytes, except if requested explicitly otherwise by the user (SAM_Generate_MAC and SAM_Verify_MAC commands). An alternate MAC truncation scheme is used for MIFARE Plus commands for the AV2 mode SAM-Host communication protection and possible via SAM_Generate_MAC and SAM_Verify_MAC commands. MIFARE Classic MIFARE SAM AV2 supports MIFARE Classic Crypto-1 authentication and encryption. 8.4.1.2 Asymmetric key cryptography (MIFARE SAM AV2 mode only) MIFARE SAM AV2 supports RSA encryption, decryption, signature generation and signature verification according to Ref. 16. These algorithms are available in AV2 mode via the PKI commands. RSA encryption and decryption: The PKI functionalities of the MIFARE SAM AV2 support RSA decryption. It is used by the PKI_UpdateKeyEntries command. The supported algorithm is RSAES-OAEP Ref. 16 The OAEP padding requires a hashing function and a Mask Generation Function (MGF). For the MGF, the SAM supports SHA-1, SHA-224 and SHA-256 for hashing (see Ref. 9 for the various SHA variants); the MGF used is the one specified by (Ref. 17 §B.2.1). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |