Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1CP103CJ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECEC1CP103CJ
Description  Snap-in Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1CP103CJ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECEC1CP103CJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE178 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
160
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
2700
30
30
2.78
0.20
ECEC1KP272DJ
200
3300
22
50
3.21
0.20
ECEC1KP332BJ
200
25
40
3.21
0.20
ECEC1KP332CJ
200
30
30
3.21
0.20
ECEC1KP332DJ
200
3900
25
45
3.59
0.20
ECEC1KP392CJ
200
30
35
3.59
0.20
ECEC1KP392DJ
100
80
4700
25
50
4.09
0.20
ECEC1KP472CJ
200
30
40
4.09
0.20
ECEC1KP472DJ
100
5600
30
45
4.55
0.20
ECEC1KP562DJ
100
35
35
4.55
0.20
ECEC1KP562EJ
100
6800
30
50
5.16
0.20
ECEC1KP682DJ
100
35
40
5.16
0.20
ECEC1KP682EJ
100
8200
35
50
5.83
0.20
ECEC1KP822EJ
100
1000
22
30
1.96
0.20
ECEC2AP102BJ
200
25
25
1.96
0.20
ECEC2AP102CJ
200
1200
22
35
2.31
0.20
ECEC2AP122BJ
200
25
30
2.31
0.20
ECEC2AP122CJ
200
1500
22
40
2.57
0.20
ECEC2AP152BJ
200
25
30
2.57
0.20
ECEC2AP152CJ
200
30
25
2.57
0.20
ECEC2AP152DJ
200
1800
22
45
2.84
0.20
ECEC2AP182BJ
200
25
35
2.84
0.20
ECEC2AP182CJ
200
30
30
2.84
0.20
ECEC2AP182DJ
200
2200
22
50
3.14
0.20
ECEC2AP222BJ
200
100
25
40
3.14
0.20
ECEC2AP222CJ
200
30
30
3.14
0.20
ECEC2AP222DJ
200
2700
25
45
3.71
0.20
ECEC2AP272CJ
200
30
35
3.71
0.20
ECEC2AP272DJ
100
3300
25
50
4.06
0.20
ECEC2AP332CJ
200
30
40
4.06
0.20
ECEC2AP332DJ
100
3900
30
45
4.54
0.20
ECEC2AP392DJ
100
35
35
4.54
0.20
ECEC2AP392EJ
100
4700
30
50
5.13
0.20
ECEC2AP472DJ
100
35
40
5.13
0.20
ECEC2AP472EJ
100
5600
35
45
5.75
0.20
ECEC2AP562EJ
100
6800
35
50
6.60
0.20
ECEC2AP682EJ
100
330
22
25
1.45
0.15
ECEC2CP331BJ
200
390
22
30
1.62
0.15
ECEC2CP391BJ
200
25
25
1.62
0.15
ECEC2CP391CJ
200
470
22
30
2.11
0.15
ECEC2CP471BJ
200
25
25
2.11
0.15
ECEC2CP471CJ
200
560
22
35
2.25
0.15
ECEC2CP561BJ
200
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com