Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1CP103CJ Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECEC1CP103CJ
Description  Snap-in Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1CP103CJ Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECEC1CP103CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 9Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 10Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 11Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE181 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
315
n
(A)
(mm)
(V)
(µF)
(mm)
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
560
30
35
2.25
0.15
ECEC2EP561DJ
100
35
25
2.25
0.15
ECEC2EP561EJ
200
680
25
50
2.50
0.15
ECEC2EP681CJ
200
30
40
2.50
0.15
ECEC2EP681DJ
100
35
30
2.50
0.15
ECEC2EP681EJ
200
250
820
30
45
2.77
0.15
ECEC2EP821DJ
100
35
35
2.77
0.15
ECEC2EP821EJ
100
1000
30
50
3.32
0.15
ECEC2EP102DJ
100
35
40
3.32
0.15
ECEC2EP102EJ
100
1200
35
45
3.53
0.15
ECEC2EP122EJ
100
1500
35
50
4.04
0.15
ECEC2EP152EJ
100
100
22
25
0.92
0.15
ECEC2FP101BJ
200
120
22
30
1.01
0.15
ECEC2FP121BJ
200
25
25
1.01
0.15
ECEC2FP121CJ
200
150
22
30
1.11
0.15
ECEC2FP151BJ
200
25
25
1.11
0.15
ECEC2FP151CJ
200
180
22
35
1.21
0.15
ECEC2FP181BJ
200
25
30
1.21
0.15
ECEC2FP181CJ
200
30
25
1.21
0.15
ECEC2FP181DJ
200
220
22
40
1.41
0.15
ECEC2FP221BJ
200
25
35
1.41
0.15
ECEC2FP221CJ
200
30
25
1.41
0.15
ECEC2FP221DJ
200
270
22
45
1.60
0.15
ECEC2FP271BJ
200
25
40
1.60
0.15
ECEC2FP271CJ
200
30
30
1.60
0.15
ECEC2FP271DJ
200
330
25
45
1.82
0.15
ECEC2FP331CJ
200
30
35
1.82
0.15
ECEC2FP331DJ
100
35
25
1.82
0.15
ECEC2FP331EJ
200
390
25
50
2.01
0.15
ECEC2FP391CJ
200
30
35
2.01
0.15
ECEC2FP391DJ
100
35
30
2.01
0.15
ECEC2FP391EJ
200
470
30
40
2.27
0.15
ECEC2FP471DJ
100
35
35
2.27
0.15
ECEC2FP471EJ
100
560
30
45
2.56
0.15
ECEC2FP561DJ
100
35
35
2.56
0.15
ECEC2FP561EJ
100
680
35
45
2.87
0.15
ECEC2FP681EJ
100
820
35
50
3.25
0.15
ECEC2FP821EJ
100
82
22
25
0.83
0.15
ECEC2VP820BJ
200
100
22
30
0.91
0.15
ECEC2VP101BJ
200
350
120
22
30
1.00
0.15
ECEC2VP121BJ
200
25
25
1.00
0.15
ECEC2VP121CJ
200
150
22
35
1.12
0.15
ECEC2VP151BJ
200
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
(pcs)
Min.PackagingQ'ty
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com