Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1CP103CJ Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECEC1CP103CJ
Description  Snap-in Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1CP103CJ Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECEC1CP103CJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 9Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE179 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
180
160
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
560
25
30
2.25
0.15
ECEC2CP561CJ
200
30
25
2.25
0.15
ECEC2CP561DJ
200
680
22
40
2.50
0.15
ECEC2CP681BJ
200
25
35
2.50
0.15
ECEC2CP681CJ
200
30
25
2.50
0.15
ECEC2CP681DJ
200
820
22
45
2.75
0.15
ECEC2CP821BJ
200
25
35
2.75
0.15
ECEC2CP821CJ
200
30
30
2.75
0.15
ECEC2CP821DJ
200
1000
25
45
3.00
0.15
ECEC2CP102CJ
200
30
35
3.00
0.15
ECEC2CP102DJ
100
35
30
3.00
0.15
ECEC2CP102EJ
200
1200
25
50
3.25
0.15
ECEC2CP122CJ
200
30
35
3.25
0.15
ECEC2CP122DJ
100
35
30
3.25
0.15
ECEC2CP122EJ
200
1500
30
45
3.73
0.15
ECEC2CP152DJ
100
35
35
3.73
0.15
ECEC2CP152EJ
100
1800
30
50
4.20
0.15
ECEC2CP182DJ
100
35
40
4.20
0.15
ECEC2CP182EJ
100
2200
35
45
4.78
0.15
ECEC2CP222EJ
100
2700
35
50
5.45
0.15
ECEC2CP272EJ
100
330
22
25
1.77
0.15
ECEC2PP331BJ
200
390
22
30
1.91
0.15
ECEC2PP391BJ
200
25
25
1.91
0.15
ECEC2PP391CJ
200
470
22
35
2.08
0.15
ECEC2PP471BJ
200
25
25
2.08
0.15
ECEC2PP471CJ
200
560
22
35
2.25
0.15
ECEC2PP561BJ
200
25
30
2.25
0.15
ECEC2PP561CJ
200
680
22
40
2.50
0.15
ECEC2PP681BJ
200
25
35
2.50
0.15
ECEC2PP681CJ
200
30
30
2.50
0.15
ECEC2PP681DJ
200
820
22
45
2.75
0.15
ECEC2PP821BJ
200
25
40
2.75
0.15
ECEC2PP821CJ
200
30
30
2.75
0.15
ECEC2PP821DJ
200
1000
25
45
3.00
0.15
ECEC2PP102CJ
200
30
35
3.00
0.15
ECEC2PP102DJ
100
1200
25
50
3.31
0.15
ECEC2PP122CJ
200
30
40
3.31
0.15
ECEC2PP122DJ
100
35
35
3.31
0.15
ECEC2PP122EJ
100
1500
30
45
3.83
0.15
ECEC2PP152DJ
100
35
40
3.83
0.15
ECEC2PP152EJ
100
1800
30
50
4.32
0.15
ECEC2PP182DJ
100
35
40
4.32
0.15
ECEC2PP182EJ
100
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com