Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1CP103CJ Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ECEC1CP103CJ
Description  Snap-in Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1CP103CJ Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ECEC1CP103CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 9Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 10Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 11Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 12Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE183 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
(A)
(mm)
(V)
(µF)
(mm)
n
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
390
35
40
2.13
0.15
ECEC2GP391EJ
100
400
470
35
45
2.39
0.15
ECEC2GP471EJ
100
560
35
50
2.69
0.15
ECEC2GP561EJ
100
82
22
30
0.83
0.15
ECEC2SP820BJ
200
100
22
30
0.92
0.15
ECEC2SP101BJ
200
25
25
0.92
0.15
ECEC2SP101CJ
200
120
22
35
1.02
0.15
ECEC2SP121BJ
200
25
30
1.02
0.15
ECEC2SP121CJ
200
150
22
40
1.16
0.15
ECEC2SP151BJ
200
25
30
1.16
0.15
ECEC2SP151CJ
200
30
25
1.16
0.15
ECEC2SP151DJ
200
180
22
45
1.44
0.15
ECEC2SP181BJ
200
25
35
1.44
0.15
ECEC2SP181CJ
200
420
30
30
1.44
0.15
ECEC2SP181DJ
200
220
25
45
1.49
0.15
ECEC2SP221CJ
200
30
30
1.49
0.15
ECEC2SP221DJ
200
35
25
1.49
0.15
ECEC2SP221EJ
200
270
25
50
1.67
0.15
ECEC2SP271CJ
200
30
35
1.67
0.15
ECEC2SP271DJ
100
35
30
1.67
0.15
ECEC2SP271EJ
200
330
30
45
1.90
0.15
ECEC2SP331DJ
100
35
35
1.90
0.15
ECEC2SP331EJ
100
390
30
50
2.13
0.15
ECEC2SP391DJ
100
35
40
2.13
0.15
ECEC2SP391EJ
100
470
35
45
2.39
0.15
ECEC2SP471EJ
100
560
35
50
2.69
0.15
ECEC2SP561EJ
100
56
22
25
0.70
0.15
ECEC2WP560BJ
200
68
22
30
0.76
0.15
ECEC2WP680BJ
200
82
22
30
0.83
0.15
ECEC2WP820BJ
200
25
25
0.83
0.15
ECEC2WP820CJ
200
100
22
35
0.93
0.15
ECEC2WP101BJ
200
25
30
0.93
0.15
ECEC2WP101CJ
200
30
25
0.93
0.15
ECEC2WP101DJ
200
450
120
22
40
1.04
0.15
ECEC2WP121BJ
200
25
30
1.04
0.15
ECEC2WP121CJ
200
30
25
1.04
0.15
ECEC2WP121DJ
200
150
22
50
1.19
0.15
ECEC2WP151BJ
200
25
40
1.19
0.15
ECEC2WP151CJ
200
30
30
1.19
0.15
ECEC2WP151DJ
200
180
25
45
1.35
0.15
ECEC2WP181CJ
200
30
35
1.35
0.15
ECEC2WP181DJ
100
35
25
1.35
0.15
ECEC2WP181EJ
200
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
(pcs)
Min.PackagingQ'ty
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com