Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1CP103CJ Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ECEC1CP103CJ
Description  Snap-in Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1CP103CJ Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ECEC1CP103CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 9Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 10Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 11Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 12Page - Panasonic Semiconductor ECEC1CP103CJ Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE184 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
Standard Products
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
220
25
50
1.55
0.15
ECEC2WP221CJ
200
30
40
1.55
0.15
ECEC2WP221DJ
100
35
30
1.55
0.15
ECEC2WP221EJ
200
270
30
45
1.78
0.15
ECEC2WP271DJ
100
450
35
35
1.78
0.15
ECEC2WP271EJ
100
330
30
50
2.01
0.15
ECEC2WP331DJ
100
35
40
2.01
0.15
ECEC2WP331EJ
100
390
35
45
2.24
0.15
ECEC2WP391EJ
100
470
35
50
2.53
0.15
ECEC2WP471EJ
100
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com