Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2908 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2908
Description  915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2908 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2908 Datasheet HTML 1Page - RF Micro Devices RF2908 Datasheet HTML 2Page - RF Micro Devices RF2908 Datasheet HTML 3Page - RF Micro Devices RF2908 Datasheet HTML 4Page - RF Micro Devices RF2908 Datasheet HTML 5Page - RF Micro Devices RF2908 Datasheet HTML 6Page - RF Micro Devices RF2908 Datasheet HTML 7Page - RF Micro Devices RF2908 Datasheet HTML 8Page - RF Micro Devices RF2908 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
11-87
RF2908
Rev C1 010904
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
IF and Data Amplifiers
IF Frequency Range
Note 1
9.6
MHz
Voltage Gain
77
80
83
dB
Noise Figure
5
dB
At maximum gain setting
35
dB
At minimum gain setting
Input IP3
-65
dBm
At maximum gain setting
+2
dBm
At minimum gain setting
Output DC Offset
0
25
mV
Gain Control Range
65
70
dB
Gain Control Voltage Range
1.2
2.0
V
Gain Control Sensitivity
-0.08
dB/mV
VGA Output Voltage
500
mVPP
VGA DC Output Voltage
1.7
V
Output P1dB
1
1.64
VPP
Driving a 5k
Ω load
RSSI Range
60
dB
At maximum gain setting
RSSI Output Voltage Compli-
ance
55
0.5 to 2.4
V
Maximum RSSI is 2.5V or VCC-0.3, which-
ever is less.
Input Impedance
1.5
2
2.5
k
Differential
Note 1. The lower cutoff frequency is a func-
tion of: a) input DC blocking cap size; b) DC
feedback capacitor; and, c) gain setting. But,
recommended component values will yield a
cutoff of <10kHz.
Filters
Characteristics
Five pole Bessel
Five pole Bessel internal LPF.
Three pole external LPF.
Bandwidth
1, 2, 4, 8
MHz
Selectable from 1, 2, 4, and 8MHz. Refer to
“IF Bandwidth Response” chart.
Passband Ripple
1
dB
Group Delay
100
ns
At 8MHz, increasing as bandwidth
decreases.
Ultimate Rejection
80
100
dB
Data Amplifiers
Voltage Gain
100
dB
Bandwidth
10
MHz
Rise and Fall Time
2
5
ns
Logic High Output
VCC-0.3V
V
Can sink/source 1mA and maintain these
logic levels.
Logic Low Output
0.3
V
Can sink/source 1mA and maintain these
logic levels.
PLL, Synthesizer, VCO and
LO
VCO Tuning Range
800 to 1200
MHz
VCO Sensitivity
20
30
40
MHz/V
Determined by external resistor.
Charge Pump Current
100
µAKPD=100µA/2π=0.0159ma/2π rad
Reference Frequency Crystal
9.6
20
MHz
Reference Crystal Rs
60
80
Phase Noise
-66
dBc/Hz
10kHz offset.
-96
dBc/Hz
100kHz offset.
LO Output Level
-10
dBm
Into 100
Ω differential load
Lock Time
1.5
ms
From sleep mode.
Step Size
300
kHz
86 channels in the 902MHz to 928MHz ISM
band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com