Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2908 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2908
Description  915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2908 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2908 Datasheet HTML 1Page - RF Micro Devices RF2908 Datasheet HTML 2Page - RF Micro Devices RF2908 Datasheet HTML 3Page - RF Micro Devices RF2908 Datasheet HTML 4Page - RF Micro Devices RF2908 Datasheet HTML 5Page - RF Micro Devices RF2908 Datasheet HTML 6Page - RF Micro Devices RF2908 Datasheet HTML 7Page - RF Micro Devices RF2908 Datasheet HTML 8Page - RF Micro Devices RF2908 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
11-85
11
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
LNA
+45°
-45°
IF Amp
Q Data Amp
I Data Amp
PLL
Freq. Synth.
Ref
RSSI
Gain Control
39
42
19
21
6
1,2
IF Amp
11,12
13,14
47,48
Q DATA
IF OUT Q
IF OUT I
I DATA
MOUT Q±
IN Q±
MOUT I±
IN I±
LNA IN
24
23
Refer to the Detailed Functional Block Diagram for description of full functionality
RF2908
915MHZ SPREAD SPECTRUM RECEIVER WITH
PLL FREQUENCY SYNTHESIZER
• Digital Cordless Telephones
• Secure Communication Links
•Wireless LANs
• Inventory Tracking
• Wireless Security
• Battery Powered Applications
The RF2908 is a monolithic integrated circuit specifically
designed for direct-sequence spread-spectrum systems
operating in the 902 MHz to 928MHz ISM band. The part
includes a direct conversion receiver, quadrature demod-
ulator, dual IF amplifiers with gain control and RSSI, on-
chip programmable baseband filters, dual data compara-
tors, and a serially programmable 86-channel PLL fre-
quency synthesizer. Two cell or regulated three cell (3.6V
maximum) battery applications are supported by the part.
The part is also designed to operate in compliance with
FCC Part 15.247. The device is provided in 48-lead plas-
tic LQFP packaging.
• FCC Part 15.247 Compliant
• Direct Conversion Receiver
• On-Chip 86 Channel Frequency
Synthesizer
• On-Chip Selectable IF Bandwidths
• 2.7V to 3.6V Operation
RF2908
915MHz Spread Spectrum Receiver with PLL Fre-
quency Synthesizer
11
Rev C1 010904
.362
.346
.280
.272
7°MAX
0°MIN
.007
.011
.007
.362
.346
.280
.272
.057
.053
.006
.002
.020
.031
.021
MAX
Package Style: LQFP-48


Similar Part No. - RF2908

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
More results

Similar Description - RF2908

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W133 CYPRESS-W133 Datasheet
146Kb / 12P
Spread Spectrum System Frequency Synthesizer
October 13, 1999
W144 CYPRESS-W144 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
November 2, 1999
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
W158 CYPRESS-W158 Datasheet
166Kb / 12P
Spread Spectrum System Frequency Synthesizer
October 12, 1999, rev
logo
SpectraLinear Inc
W158 SPECTRALINEAR-W158 Datasheet
219Kb / 12P
Spread Spectrum System Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 SILABS-W158 Datasheet
154Kb / 12P
Spread Spectrum System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com