Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2908 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2908
Description  915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2908 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2908 Datasheet HTML 7Page - RF Micro Devices RF2908 Datasheet HTML 8Page - RF Micro Devices RF2908 Datasheet HTML 9Page - RF Micro Devices RF2908 Datasheet HTML 10Page - RF Micro Devices RF2908 Datasheet HTML 11Page - RF Micro Devices RF2908 Datasheet HTML 12Page - RF Micro Devices RF2908 Datasheet HTML 13Page - RF Micro Devices RF2908 Datasheet HTML 14Page - RF Micro Devices RF2908 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11-95
RF2908
Rev C1 010904
11
Detailed Functional Block Diagram
LNA
+45°
-45°
0-25 dB
0-20 dB
-12-+12
17dB
6dB
-0.5/-20.5
Chip
Control
PLL ON
RX ENABL
BW SEL2
BW SEL1
RSSI Q
RSSI I
VREF
LNA IN
SW GND1
SW GND2
LNA GND
MIX VCC
MOUT I+
MOUT I-
IN I+
IN I-
GND1
GND2
GND3
DCFB I
DCFB Q
IF OUT Q
Q DATA
IF OUT I
I DATA
5-bit Counter
/32
Prescaler
32/33
7-Bit Swallow
Counter
0-85
7-Bit
Latch
Phase
Detector
Charge Pump
7-Bit Counter
/94
902-928
MHz
VCO
Ref. Osc.
300 kHz
300 kHz
OSC B
OSC E
DO
46
14
13
12
11
3
35
36
37
38
1
2
48 47
44
4
6
8
10
7
9
5
43
17
20
39
42
45
22
41
40
21
19
15
18
16
7
30 31
32 33
29
28
23
24
7-Bit Shift
Register
PLL CLK
LE
PLL DATA
7
26
25
27
34
VGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com