Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2908 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2908
Description  915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2908 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2908 Datasheet HTML 3Page - RF Micro Devices RF2908 Datasheet HTML 4Page - RF Micro Devices RF2908 Datasheet HTML 5Page - RF Micro Devices RF2908 Datasheet HTML 6Page - RF Micro Devices RF2908 Datasheet HTML 7Page - RF Micro Devices RF2908 Datasheet HTML 8Page - RF Micro Devices RF2908 Datasheet HTML 9Page - RF Micro Devices RF2908 Datasheet HTML 10Page - RF Micro Devices RF2908 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
11-91
RF2908
Rev C1 010904
11
Table 2: Channel Plan
*Data 1 is invalid.
Timing Diagram
Data
f, MHz
Data
f, MHz
Data
f, MHz
Data
f, MHz
0
902.4
22
909
44
915.6
66
922.2
1
*
23
909.3
45
915.9
67
922.5
2
903
24
909.6
46
916.2
68
922.8
3
903.3
25
909.9
47
916.5
69
923.1
4
903.6
26
910.2
48
916.8
70
923.4
5
903.9
27
910.5
49
917.1
71
923.7
6
904.2
28
910.8
50
917.4
72
924
7
904.5
29
911.1
51
917.7
73
924.3
8
904.8
30
911.4
52
918
74
924.6
9
905.1
31
911.7
53
918.3
75
924.9
10
905.4
32
912
54
918.6
76
925.2
11
905.7
33
912.3
55
918.9
77
925.5
12
906
34
912.6
56
919.2
78
925.8
13
906.3
35
912.9
57
919.5
79
926.1
14
906.6
36
913.2
58
919.8
80
926.4
15
906.9
37
913.5
59
920.1
81
926.7
16
907.2
38
913.8
60
920.4
82
927
17
907.5
39
914.1
61
920.7
83
927.3
18
907.8
40
914.4
62
921
84
927.6
19
908.1
41
914.7
63
921.3
85
927.9
20
908.4
42
915
64
921.6
21
908.7
43
915.3
65
921.9
t
time
DATA
CLK
LE
0
...
00
0
0
0
11
...
...
MSB
LSB
H
L
H
L
H
L
Example: Load Sequence for Channel #10 (905.4 MHz)
Decimal 10 = 0001010
MSB
LSB
Binary
t
EW
t
CH
t
CS
t
CWH
t
CWL
t
ES
= 143 ns
= 143 ns
=74 ns
= 143 ns
=36 ns
=36 ns
t
CWH
t
CWL
t
EW
t
ES
t
CS
t
CH
Minimum Times:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com