Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2908 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2908
Description  915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2908 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2908 Datasheet HTML 2Page - RF Micro Devices RF2908 Datasheet HTML 3Page - RF Micro Devices RF2908 Datasheet HTML 4Page - RF Micro Devices RF2908 Datasheet HTML 5Page - RF Micro Devices RF2908 Datasheet HTML 6Page - RF Micro Devices RF2908 Datasheet HTML 7Page - RF Micro Devices RF2908 Datasheet HTML 8Page - RF Micro Devices RF2908 Datasheet HTML 9Page - RF Micro Devices RF2908 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
11-90
RF2908
Rev C1 010904
11
Pin
Function
Description
Interface Schematic
35
PLL ENABL This pin is used to power up or down the VCO and PLL. A logic high
(PLL ENABL>2.0V) powers up the VCO and PLL circuitry. A logic low
(PLL ENABL<1.0V) powers down the PLL and VCO.
36
RX ENABL
Enable pin for the receiver circuits. RX ENABL>2.0V powers up all
receiver functions. RX ENABL<1.0V turns off all receiver functions
except the PLL functions and the RF mixer.
37
BW SEL2
Bandwidth select logic input. Pin 37 and pin 38 provide a two bit control
word for the setting of the IF bandwidth. See Table1.
38
BW SEL1
Bandwidth select logic input. Pin 37 and pin 38 provide a two bit control
word for the setting of the IF bandwidth. See Table1.
39
Q DATA
Logic-level data output for the quadrature channel. This is a digital out-
put signal obtained from the output of a Schmitt trigger.
40
RSSI Q
Received signal strength indicator for the quadrature channel.
41
VREF
Gain control reference voltage.
42
IF OUT Q
Analog signal IF output for quadrature channel.
43
VGC
Gain control voltage.
44
VCC1
Power supply for bias circuits and VGA amplifiers for both the in-phase
and quadrature channels.
45
DCFB Q
DC feedback capacitor for quadrature channel.
46
GND1
Ground for VCC1 for both the in-phase and quadrature channels.
47
IN Q-
Minus input for quadrature channel
48
IN Q+
Plus input for quadrature channel
Table 1: Bandwidth Selection Controls
BWSEL1
BWSEL2
IF-3dB
Frequency
00
1MHz
01
2MHz
10
4MHz
11
8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com