Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C70F2 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # S3C70F2
Description  The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C70F2 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button S3C70F2 Datasheet HTML 17Page - Samsung semiconductor S3C70F2 Datasheet HTML 18Page - Samsung semiconductor S3C70F2 Datasheet HTML 19Page - Samsung semiconductor S3C70F2 Datasheet HTML 20Page - Samsung semiconductor S3C70F2 Datasheet HTML 21Page - Samsung semiconductor S3C70F2 Datasheet HTML 22Page - Samsung semiconductor S3C70F2 Datasheet HTML 23Page - Samsung semiconductor S3C70F2 Datasheet HTML 24Page - Samsung semiconductor S3C70F2 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
S3C70F2/C70F4/P70F4
ELECTRICAL DATA
14-7
Table 14-7. RAM Data Retention Supply Voltage in Stop Mode
(T
A = – 40
°C to + 85 °C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Data retention supply voltage
V
DDDR
1.8
5.5
V
Data retention supply current
I
DDDR
V
DDDR = 1.8 V
0.1
10
µA
Release signal set time
t
SREL
0
µs
Oscillator stabilization wait
time (1)
t
WAIT
Released by
RESET
2
17 / fx
ms
Released by interrupt
(2)
ms
NOTES:
1.
During oscillator stabilization wait time, all CPU operations must be stopped to avoid instability during oscillator start-
up.
2.
Use the basic timer mode register (BMOD) interval timer to delay execution of CPU instructions during the wait time.
TIMING WAVEFORMS
tSREL
tWAIT
VDD
RESET
EXECUTION OF
STOP INSTRUCTION
VDDDR
DATA RETENTION MODE
STOP MODE
INTERNAL RESET
OPERATION
IDLE MODE
OPERATING
MODE
Figure 14-2. Stop Mode Release Timing When Initiated by
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com