Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C70F2 Datasheet(PDF) 29 Page - Samsung semiconductor

Part # S3C70F2
Description  The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C70F2 Datasheet(HTML) 29 Page - Samsung semiconductor

Back Button S3C70F2 Datasheet HTML 25Page - Samsung semiconductor S3C70F2 Datasheet HTML 26Page - Samsung semiconductor S3C70F2 Datasheet HTML 27Page - Samsung semiconductor S3C70F2 Datasheet HTML 28Page - Samsung semiconductor S3C70F2 Datasheet HTML 29Page - Samsung semiconductor S3C70F2 Datasheet HTML 30Page - Samsung semiconductor S3C70F2 Datasheet HTML 31Page - Samsung semiconductor S3C70F2 Datasheet HTML 32Page - Samsung semiconductor S3C70F2 Datasheet HTML 33Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
S3C70F2/C70F4/P70F4
S3P70F4 OTP
16-3
Table 16-1. Descriptions of Pins Used to Read/Write the EPROM
Main Chip
During Programming
Pin Name
Pin Name
Pin No.
I/O
Function
P6.2
SDAT
28 (30)
I/O
Serial data pin. Output port when reading and input
port when writing. Can be assigned as a Input /
push-pull output port.
P6.3
SCLK
29 (31)
I/O
Serial clock pin. Input only pin.
TEST
V
PP(TEST)
4 (4)
I
Power supply pin for EPROM cell writing (indicates
that OTP enters into the writing mode). When 12.5
V is applied, OTP is in writing mode and when 5 V
is applied, OTP is in reading mode. (Option)
RESET
RESET
7 (7)
I
Chip initialization
V
DD / VSS
V
DD / VSS
30/1 (32/1)
I
Logic power supply pin. VDD should be tied to +5 V
during programming.
NOTE: ( ) means the 32-SOP OTP pin number.
Table 16-2. Comparison of S3P70F4 and S3C70F2/C70F4 Features
Characteristic
S3P70F4
S3C70F2/C70F4
Program Memory
4 K-byte EPROM
2 K-byte mask ROM: S3C70F2
4 K-byte mask ROM: S3C70F4
Operating Voltage (V
DD)
2.0 V to 5.5 V
1.8 V to 5.5V
OTP Programming Mode
V
DD = 5 V, VPP(TEST)=12.5V
Pin Configuration
30 SDIP, 32 SOP
30 SDIP, 32 SOP
EPROM Programmability
User Program one time
Programmed at the factory
OPERATING MODE CHARACTERISTICS
When 12.5 V is supplied to the V
PP(TEST) pin of the S3P70F4, the EPROM programming mode is entered. The
operating mode (read, write, or read protection) is selected according to the input signals to the pins listed in
Table 16–3 below.
Table 16-3. Operating Mode Selection Criteria
V
DD
V
pp(TEST)
REG/MEM
ADDRESS(A15-A0)
R/W
MODE
5 V
5 V
0
0000H
1
EPROM read
12.5 V
0
0000H
0
EPROM program
12.5 V
0
0000H
1
EPROM verify
12.5 V
1
0E3FH
0
EPROM read protection
NOTE: "0" means Low level; "1" means High level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com