Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4051 Datasheet(PDF) 5 Page - ON Semiconductor

Part # HC4051
Description  High-Performance Silicon-Gate CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC4051 Datasheet(HTML) 5 Page - ON Semiconductor

  HC4051 Datasheet HTML 1Page - ON Semiconductor HC4051 Datasheet HTML 2Page - ON Semiconductor HC4051 Datasheet HTML 3Page - ON Semiconductor HC4051 Datasheet HTML 4Page - ON Semiconductor HC4051 Datasheet HTML 5Page - ON Semiconductor HC4051 Datasheet HTML 6Page - ON Semiconductor HC4051 Datasheet HTML 7Page - ON Semiconductor HC4051 Datasheet HTML 8Page - ON Semiconductor HC4051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
DC CHARACTERISTICS — Digital Section (Voltages Referenced to GND) VEE = GND, Except Where Noted
VCC
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
VIH
Minimum High–Level Input Voltage,
Channel–Select or Enable Inputs
Ron = Per Spec
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
1.50
3.15
4.20
V
VIL
Maximum Low–Level Input Voltage,
Channel–Select or Enable Inputs
Ron = Per Spec
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
Iin
Maximum Input Leakage Current,
Channel–Select or Enable Inputs
Vin = VCC or GND,
VEE = – 6.0 V
6.0
± 0.1
± 1.0
± 1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable and
VIS = VCC or GND;
VEE = GND
VIO = 0 V
VEE = – 6.0
6.0
6.0
2
8
20
80
40
160
µA
DC CHARACTERISTICS — Analog Section
Guaranteed Limit
Symbol
Parameter
Condition
VCC
VEE
–55 to 25
°C
≤85°C
≤125°C
Unit
Ron
Maximum “ON” Resistance
Vin = VIL or VIH; VIS = VCC to
VEE; IS ≤ 2.0 mA
(Figures 1, 2)
4.5
4.5
6.0
0.0
– 4.5
– 6.0
190
120
100
240
150
125
280
170
140
Ω
Vin = VIL or VIH; VIS = VCC or
VEE (Endpoints); IS ≤ 2.0 mA
(Figures 1, 2)
4.5
4.5
6.0
0.0
– 4.5
– 6.0
150
100
80
190
125
100
230
140
115
∆Ron
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIL or VIH;
VIS = 1/2 (VCC – VEE);
IS ≤ 2.0 mA
4.5
4.5
6.0
0.0
– 4.5
– 6.0
30
12
10
35
15
12
40
18
14
Ω
Ioff
Maximum Off–Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC – VEE;
Switch Off (Figure 3)
6.0
– 6.0
0.1
0.5
1.0
µA
Maximum Off–Channel
HC4051
Leakage Current,
HC4052
Common Channel
HC4053
Vin = VIL or VIH;
VIO = VCC – VEE;
Switch Off (Figure 4)
6.0
6.0
6.0
– 6.0
– 6.0
– 6.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
Ion
Maximum On–Channel
HC4051
Leakage Current,
HC4052
Channel–to–Channel
HC4053
Vin = VIL or VIH;
Switch–to–Switch =
VCC – VEE; (Figure 5)
6.0
6.0
6.0
– 6.0
– 6.0
– 6.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com