Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4051 Datasheet(PDF) 4 Page - ON Semiconductor

Part # HC4051
Description  High-Performance Silicon-Gate CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC4051 Datasheet(HTML) 4 Page - ON Semiconductor

  HC4051 Datasheet HTML 1Page - ON Semiconductor HC4051 Datasheet HTML 2Page - ON Semiconductor HC4051 Datasheet HTML 3Page - ON Semiconductor HC4051 Datasheet HTML 4Page - ON Semiconductor HC4051 Datasheet HTML 5Page - ON Semiconductor HC4051 Datasheet HTML 6Page - ON Semiconductor HC4051 Datasheet HTML 7Page - ON Semiconductor HC4051 Datasheet HTML 8Page - ON Semiconductor HC4051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
– 0.5 to + 7.0
– 0.5 to + 14.0
V
VEE
Negative DC Supply Voltage (Referenced to GND)
– 7.0 to + 5.0
V
VIS
Analog Input Voltage
VEE – 0.5 to
VCC + 0.5
V
Vin
Digital Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
I
DC Current, Into or Out of Any Pin
± 25
mA
PD
Power Dissipation in Still Air, Plastic or Ceramic DIP†
SOIC Package†
TSSOP Package†
750
500
450
mW
Tstg
Storage Temperature Range
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
Plastic DIP, SOIC or TSSOP Package
Ceramic DIP
260
300
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
†Derating — Plastic DIP: – 10 mW/
_C from 65_ to 125_C
Ceramic DIP: – 10 mW/
_C from 100_ to 125_C
SOIC Package: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: – 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
2.0
2.0
6.0
12.0
V
VEE
Negative DC Supply Voltage, Output (Referenced to
GND)
– 6.0
GND
V
VIS
Analog Input Voltage
VEE
VCC
V
Vin
Digital Input Voltage (Referenced to GND)
GND
VCC
V
VIO*
Static or Dynamic Voltage Across Switch
1.2
V
TA
Operating Temperature Range, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise/Fall Time
VCC = 2.0 V
(Channel Select or Enable Inputs)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
* For voltage drops across switch greater than 1.2V (switch on), excessive VCC current may be
drawn; i.e., the current out of the switch may contain both VCC and switch input components. The
reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com